Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 54 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 54 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 50Page - Lattice Semiconductor ECP2 Datasheet HTML 51Page - Lattice Semiconductor ECP2 Datasheet HTML 52Page - Lattice Semiconductor ECP2 Datasheet HTML 53Page - Lattice Semiconductor ECP2 Datasheet HTML 54Page - Lattice Semiconductor ECP2 Datasheet HTML 55Page - Lattice Semiconductor ECP2 Datasheet HTML 56Page - Lattice Semiconductor ECP2 Datasheet HTML 57Page - Lattice Semiconductor ECP2 Datasheet HTML 58Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 386 page
background image
3-2
DC and Switching Characteristics
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
Hot Socketing Specifications
1, 2, 3, 4
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
IDK
Input or I/O leakage current
0 ≤ VIN ≤ VIH (MAX.)
—
—
+/-1000
µA
IHDIN
5
SERDES average input current when
device is powered down and inputs
are driven
——
4
mA
1. VCC, VCCAUX and VCCIO should rise/fall monotonically. VCC and VCCPLL must be connected to the same power supply (applies to ECP2-6,
ECP2-12 and ECP2-20 only).
2. 0 ≤ VCC ≤ VCC (MAX), 0 ≤ VCCIO ≤ VCCIO (MAX) or 0 ≤ VCCAUX ≤ VCCAUX (MAX).
3. IDK is additive to IPU, IPW or IBH.
4. LVCMOS and LVTTL only.
5. Assumes that the device is powered down with all supplies grounded, both P and N inputs driven by a CML driver with maximum allowed
VCCIB of 1.575V, 8b10b data and internal AC coupling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com