Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 384 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 384 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 378Page - Lattice Semiconductor ECP2 Datasheet HTML 379Page - Lattice Semiconductor ECP2 Datasheet HTML 380Page - Lattice Semiconductor ECP2 Datasheet HTML 381Page - Lattice Semiconductor ECP2 Datasheet HTML 382Page - Lattice Semiconductor ECP2 Datasheet HTML 383Page - Lattice Semiconductor ECP2 Datasheet HTML 384Page - Lattice Semiconductor ECP2 Datasheet HTML 385Page - Lattice Semiconductor ECP2 Datasheet HTML 386Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 384 / 386 page
background image
August 2008
Data Sheet DS1006
© 2008 Lattice Semiconductor Corp. All Lattice trademarks, registered trademarks, patents, and disclaimers are as listed at www.latticesemi.com/legal. All other brand
or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject to change without notice.
www.latticesemi.com
7-1
DS1006 Revision History
Date
Version
Section
Change Summary
February 2006
01.0
—
Initial release.
August 2006
01.1
Introduction
Updated Table 1-1 “LatticeECP2 Family Selection Guide”
Architecture
Updated figure 2-2 “PFU Diagram”
Updated figure 2-13 “Secondary Clock Regions ECP2-50”
Updated figure 2-25 “PIC Diagram”
Updated figure 2-26 “Input Register Block for Left, Right and Bottom
Edges”
Updated figure 2-28 “Output Register Block for Left, Right and Bottom
Edges”
Updated figure 2-30 “DQS Input Routing for Left and Right Edges”
Updated figure 2-32 “Edge Clock, DLL Calibration and DQS Local Bus
Distribution”
Table 2-15 Selectable Master clock (CCLK) frequencies Removed fre-
quencies 15,20,21,22,23,30,34,41,45,51,55,60
Replaced “CLKINDEL” with “CLKO”
Updated SED section
Qualified device migration capability when using DQS banks for DDR
interfaces
DC and Switching
Characteristics
Added VCCPLL to the Recommended Operating Conditions Table
Remove Note 5 from “Hot Specifications” section
Added note 7 & 8 to “Initialization Supply current Table
Change Note 6 - “...down to 95MHz” to “...down to 95MHz for DDR and
133MHz for DDR2”
New “Typical Building Block Function Performance” numbers
New External Switching Characteristics numbers
New Internal Switching Characteristics numbers
New Family Timing Adders numbers
Updated Timings for GPLLs, SPLLs and DLLs
Added sysConfig waveforms.
Remove HSTL15D_II from sysIO Recommended Operating Condition
Table
Updated Supply and initialization currents for ECP2-50
Pinout Information
Added VCCPLL to the Signal Descriptions Table
Updated Logic signal Connections tables to include 484-fpBGA for the
ECP2-50.
Added Logic signal Connections tables for ECP2-12 devices.
Updated Pin Information Summary table to include ECP2-12.
Updated Power Supply and NC Connections table to include ECP2-12.
Added Note 2 to DDR Strobe (DQS) Pin Table
Added Information on: PCI, DDR & SPI4.2 Capabilities of the device-
Package combination
LatticeECP2/M Family Data Sheet
Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com