Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 120 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 120 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 116Page - Lattice Semiconductor ECP2 Datasheet HTML 117Page - Lattice Semiconductor ECP2 Datasheet HTML 118Page - Lattice Semiconductor ECP2 Datasheet HTML 119Page - Lattice Semiconductor ECP2 Datasheet HTML 120Page - Lattice Semiconductor ECP2 Datasheet HTML 121Page - Lattice Semiconductor ECP2 Datasheet HTML 122Page - Lattice Semiconductor ECP2 Datasheet HTML 123Page - Lattice Semiconductor ECP2 Datasheet HTML 124Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 386 page
background image
4-19
Pinout Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
LatticeECP2M Power Supply and NC (Cont.)
Signal
672 fpBGA
900 fpBGA
VCC
LFE2M35: AD13, AD14, AD16, AD17, AD19, AD21,
AD22, AD24, AD25, L12, L13, L14, L15, M11, M12,
M15, M16, N11, N16, P11, P16, R11, R12, R15, R16,
T12, T13, T14, T15
LFE2M50: L12, L13, L14, L15, M11, M12, M15, M16,
N11, N16, P11, P16, R11, R12, R15, R16, T12, T13,
T14, T15
LFE2M50: AH1, AH4, AH5, AH2, AH7, AH12, AH9,
AH10, AH13, C13, C10, C9, C12, C7, C2, C5, C4,
C1, L12, L13, L18, L19, M11, M12, M13, M14, M15,
M16, M17, M18, M19, M20, N11, N12, N19, N20,
P12, P19, R12, R19, T12, T19, U12, U19, V11, V12,
V19, V20, W11, W12, W13, W14, W15, W16, W17,
W18, W19, W20, Y12, Y13, Y18, Y19
LFE2M70/LFE2M100: L12, L13, L18, L19, M11,
M12, M13, M14, M15, M16, M17, M18, M19, M20,
N11, N12, N19, N20, P12, P19, R12, R19, T12, T19,
U12, U19, V11, V12, V19, V20, W11, W12, W13,
W14, W15, W16, W17, W18, W19, W20, Y12, Y13,
Y18, Y19
VCCIO0
B12, B7, F11, J13, K12
D14, E6, E9, F12, K12, K13
VCCIO1
D18, F16, J14, K15
D17, E22, E25, F19, K18, K19
VCCIO2
G25, L21, M17, M25, N18
F28, J25, K28, M21, M24, N21, N28, P21, R25
VCCIO3
P18, R17, R25, T21, Y25
AA28, AB25, AE28, T25, U21, V21, V28, W21, W24
VCCIO4
AA16, AC18, U15, V14
AA18, AA19, AE19, AF22, AG17, AG25
VCCIO5
AA11, AE12, AE7, U12, V13
AA12, AA13, AE12, AF9, AG14, AG6
VCCIO6
P9, R10, R2, T6, Y2
AA3, AB6, AE3, T6, U10, V10, V3, W10, W7
VCCIO7
G2, L6, M10, M2, N9
F3, J6, K3, M10, M7, N10, N3, P10, R6
VCCIO8
AC24, U17
AA25, AD28
VCCJ
AA7
AG1
VCCAUX
LFE2M35: AE19, J11, J12, J15, J16, L18, L9, M18,
M9, R18, R9, T18, T9, V11, V12, V15, V16
LFE2M50: J11, J12, J15, J16, L18, L9, M18, M9,
R18, R9, T18, T9, V11, V12, V15, V16
LFE2M50: AJ7, B7, AA10, AA11, AA20, AA21, K10,
K11, K20, K21, L10, L11, L20, L21, Y10, Y11, Y20,
Y21
LFE2M70/LFE2M100: AA10, AA11, AA20, AA21,
K10, K11, K20, K21, L10, L11, L20, L21, Y10, Y11,
Y20, Y21
VCCPLL
H7, K6, P7, R8, V18, P20, J17, G19
N13, N18, V13, V18
SERDES Power
3
LFE2M35: C25, B25, C22, A22, C21, C20, C24, C23,
B19, C19, C15, C14, C18, C17, A16, C16, B13, C13
LFE2M50: AD13, AE13, AD16, AF16, AD17, AD18,
AD14, AD15, AD19, AE19, AD23, AD24, AD20,
AD21, AF22, AD22, AE25, AD25, C25, B25, C22,
A22, C21, C20, C24, C23, B19, C19, C15, C14, C18,
C17, A16, C16, B13, C13
LFE2M50: AH18, AJ18, AH21, AK21, AH22, AH23,
AH19, AH20, AH24, AJ24, AH28, AH29, AH25,
AH26, AK27, AH27, AJ30, AH30, C30, B30, C27,
A27, C26, C25, C29, C28, B24, C24, C20, C19, C23,
C22, A21, C21, B18, C18
LFE2M70/LFE2M100: C13, B13, C10, A10, C9, C8,
C12, C11, B7, C7, C3, C2, C6, C5, A4, C4, B1, C1,
C30, B30, C27, A27, C26, C25, C29, C28, B24, C24,
C20, C19, C23, C22, A21, C21, B18, C18, AH18,
AJ18, AH21, AK21, AH22, AH23, AH19, AH20,
AH24, AJ24, AH28, AH29, AH25, AH26, AK27,
AH27, AJ30, AH30, AH1, AJ1, AH4, AK4, AH5, AH6,
AH2, AH3, AH7, AJ7, AH11, AH12, AH8, AH9, AK10,
AH10, AJ13, AH13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com