Electronic Components Datasheet Search
  English  ▼

X  

ECP2 Datasheet(PDF) 234 Page - Lattice Semiconductor

Part # ECP2
Description  LatticeECP2/M Family Data Sheet
PDF  386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ECP2 Datasheet(HTML) 234 Page - Lattice Semiconductor

Back Button ECP2 Datasheet HTML 230Page - Lattice Semiconductor ECP2 Datasheet HTML 231Page - Lattice Semiconductor ECP2 Datasheet HTML 232Page - Lattice Semiconductor ECP2 Datasheet HTML 233Page - Lattice Semiconductor ECP2 Datasheet HTML 234Page - Lattice Semiconductor ECP2 Datasheet HTML 235Page - Lattice Semiconductor ECP2 Datasheet HTML 236Page - Lattice Semiconductor ECP2 Datasheet HTML 237Page - Lattice Semiconductor ECP2 Datasheet HTML 238Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 386 page
background image
4-133
Pinout Information
Lattice Semiconductor
LatticeECP2/M Family Data Sheet
E27
NC
-
E28
NC
-
E29
NC
-
E3
NC
-
E30
NC
-
E4
NC
-
E5
NC
-
E6
NC
-
F25
NC
-
F5
NC
-
F6
NC
-
G6
NC
-
G7
NC
-
K10
NC
-
K9
NC
-
N27
NC
-
N4
NC
-
R1
NC
-
R2
NC
-
V27
NC
-
V4
NC
-
P22
VCCPLL
-
P8
VCCPLL
-
T22
VCCPLL
-
Y7
VCCPLL
-
* Supports true LVDS. Other differential signals must be emulated with external resistors.
** These dedicated input pins can be used for GPLLs or GDLLs within the respective quadrant.
***Due to packaging bond out option, this DQS does not have all the necessary DQ pins bonded out for a full 8-bit data width.
Note: VCCIO and GND pads are used to determine the average DC current drawn by I/Os between GND/VCCIO connections, or between the
last GND/VCCIO in an I/O bank and the end of an I/O bank. The substrate pads listed in the Pin Table do not necessarily have a one to one
connection with a package ball or pin.
LFE2-70E/SE Logic Signal Connections: 900 fpBGA (Cont.)
LFE2-70E/SE
Ball Number
Ball/Pad Function
Bank
Dual Function
Differential



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com