Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 112Page - Renesas Technology Corp 4518 Datasheet HTML 113Page - Renesas Technology Corp 4518 Datasheet HTML 114Page - Renesas Technology Corp 4518 Datasheet HTML 115Page - Renesas Technology Corp 4518 Datasheet HTML 116Page - Renesas Technology Corp 4518 Datasheet HTML 117Page - Renesas Technology Corp 4518 Datasheet HTML 118Page - Renesas Technology Corp 4518 Datasheet HTML 119Page - Renesas Technology Corp 4518 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 160 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
D9
D0
D9
D0
D9
D0
D9
D0
Rev.3.01
2005.06.15
page 116 of 157
REJ03B0008-0301
4518 Group
TAW2 (Transfer data to Accumulator from register W2)
1001001100
24C
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of timer control reg-
ister W2 to register A.
Operation:
(A)
← (W2)
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TAW1 (Transfer data to Accumulator from register W1)
1001001011
24B
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of timer control reg-
ister W1 to register A.
Operation:
(A)
← (W1)
TAW3 (Transfer data to Accumulator from register W3)
1001001101
24D
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of timer control reg-
ister W3 to register A.
Operation:
(A)
← (W3)
TAV2 (Transfer data to Accumulator from register V2)
0001010101
055
11
–
–
Grouping:
Interrupt operation
Description: Transfers the contents of interrupt control
register V2 to register A.
Operation:
(A)
← (V2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com