| Electronic Components Datasheet Search |
|
4518 Datasheet(PDF) 114 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
4518 Datasheet(HTML) 114 Page - Renesas Technology Corp |
|
114 / 160 page ![]() Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 Skip condition Number of cycles Number of words Instruction code Flag CY 2 16 D9 D0 D9 D0 D9 D0 D9 D0 Rev.3.01 2005.06.15 page 114 of 157 REJ03B0008-0301 4518 Group TAQ1 (Transfer data to Accumulator from register Q1) 1001000100 244 11 – – Grouping: A/D conversion operation Description: Transfers the contents of A/D control regis- ter Q1 to register A. Operation: (A) ← (Q1) TAPU1 (Transfer data to Accumulator from register PU1) TAPU0 (Transfer data to Accumulator from register PU0) 1001010111 257 11 – – Grouping: Input/Output operation Description: Transfers the contents of pull-up control register PU0 to register A. Operation: (A) ← (PU0) 1001011110 25E 11 – – Grouping: Input/Output operation Description: Transfers the contents of pull-up control register PU1 to register A. Operation: (A) ← (PU1) MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued) 1001010010 252 11 – – Grouping: Clock operation Description: Transfers the contents of clock control reg- ister MR to register A. Operation: (A) ← (MR) TAMR (Transfer data to Accumulator from register MR) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |