Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 120Page - Renesas Technology Corp 4518 Datasheet HTML 121Page - Renesas Technology Corp 4518 Datasheet HTML 122Page - Renesas Technology Corp 4518 Datasheet HTML 123Page - Renesas Technology Corp 4518 Datasheet HTML 124Page - Renesas Technology Corp 4518 Datasheet HTML 125Page - Renesas Technology Corp 4518 Datasheet HTML 126Page - Renesas Technology Corp 4518 Datasheet HTML 127Page - Renesas Technology Corp 4518 Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 160 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
D9
D0
D9
D0
D9
D0
D9
D0
Rev.3.01
2005.06.15
page 124 of 157
REJ03B0008-0301
4518 Group
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
TR3AB (Transfer data to register R3 from Accumulator and register B)
TSIAB (Transfer data to register SI from Accumulator and register B)
1000111011
23B
11
–
–
Grouping:
Timer operation
Description: Transfers the contents of register B to the
high-order 4 bits (R37–R34) of reload regis-
ter R3, and the contents of register A to the
low-order 4 bits (R33–R30) of reload regis-
ter R3.
Operation:
(R37–R34)
← (B)
(R33–R30)
← (A)
1000111000
238
11
–
–
Grouping:
Serial I/O operation
Description: Transfers the contents of register B to the
high-order 4 bits (SI7–SI4) of serial I/O reg-
ister SI, and transfers the contents of
register A to the low-order 4 bits (SI3–SI0) of
serial I/O register SI.
Operation:
(SI7–SI4)
← (B)
(SI3–SI0)
← (A)
TRGA (Transfer data to register RG from Accumulator)
1000001001
209
11
–
–
Grouping:
Clock control operation
Description: Transfers the contents of register A to regis-
ter RG.
Operation:
(RG0)
← (A0)
TV1A (Transfer data to register V1 from Accumulator)
0000111111
03F
11
–
–
Grouping:
Interrupt operation
Description: Transfers the contents of register A to inter-
rupt control register V1.
Operation:
(V1)
← (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com