Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 123Page - Renesas Technology Corp 4518 Datasheet HTML 124Page - Renesas Technology Corp 4518 Datasheet HTML 125Page - Renesas Technology Corp 4518 Datasheet HTML 126Page - Renesas Technology Corp 4518 Datasheet HTML 127Page - Renesas Technology Corp 4518 Datasheet HTML 128Page - Renesas Technology Corp 4518 Datasheet HTML 129Page - Renesas Technology Corp 4518 Datasheet HTML 130Page - Renesas Technology Corp 4518 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 160 page
background image
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
Skip condition
Number of
cycles
Number of
words
Instruction
code
Flag CY
2
16
D9
D0
D9
D0
D9
D0
D9
D0
Rev.3.01
2005.06.15
page 127 of 157
REJ03B0008-0301
4518 Group
WRST (Watchdog timer ReSeT)
1010100000
2A
0
11
–
(WDF1) = 1
Grouping:
Other operation
Description: Skips the next instruction when watchdog
timer flag WDF1 is “1.” After skipping, clears
(0) to the WDF1 flag. When the WDF1 flag
is “0,” executes the next instruction. Also,
stops the watchdog timer function when ex-
ecuting the WRST instruction immediately
after the DWDT instruction.
Operation:
(WDF1) = 1 ?
After skipping, (WDF1)
← 0
XAM j (eXchange Accumulator and Memory data)
101101
jjjj
2
D
j
11
–
–
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP)
with the contents of register A, an exclusive
OR operation is performed between regis-
ter X and the value j in the immediate field,
and stores the result in register X.
Operation:
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
XAMD j (eXchange Accumulator and Memory data and Decrement register Y and skip)
101111
jjjj
2
F
j
11
–
(Y) = 15
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP)
with the contents of register A, an exclusive
OR operation is performed between regis-
ter X and the value j in the immediate field,
and stores the result in register X.
Subtracts 1 from the contents of register Y.
As a result of subtraction, when the con-
tents of register Y is 15, the next instruction
is skipped. When the contents of register Y
is not 15, the next instruction is executed.
Operation:
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) – 1
MACHINE INSTRUCTIONS (INDEX BY ALPHABET) (continued)
XAMI j (eXchange Accumulator and Memory data and Increment register Y and skip)
101110
jjjj
2
E
j
11
–
(Y) = 0
Grouping:
RAM to register transfer
Description: After exchanging the contents of M(DP)
with the contents of register A, an exclusive
OR operation is performed between regis-
ter X and the value j in the immediate field,
and stores the result in register X.
Adds 1 to the contents of register Y. As a re-
sult of addition, when the contents of
register Y is 0, the next instruction is
skipped. when the contents of register Y is
not 0, the next instruction is executed.
Operation:
(A)
←→ (M(DP))
(X)
← (X)EXOR(j)
j = 0 to 15
(Y)
← (Y) + 1
2
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com