Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 39Page - Renesas Technology Corp 7516 Datasheet HTML 40Page - Renesas Technology Corp 7516 Datasheet HTML 41Page - Renesas Technology Corp 7516 Datasheet HTML 42Page - Renesas Technology Corp 7516 Datasheet HTML 43Page - Renesas Technology Corp 7516 Datasheet HTML 44Page - Renesas Technology Corp 7516 Datasheet HTML 45Page - Renesas Technology Corp 7516 Datasheet HTML 46Page - Renesas Technology Corp 7516 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 43 of 89
7516 Group
WATCHDOG TIMER
The watchdog timer gives a mean of returning to the reset status
when a program cannot run on a normal loop (for example, be-
cause of a software run-away). The watchdog timer consists of an
8-bit watchdog timer L and an 8-bit watchdog timer H.
Standard Operation of Watchdog Timer
When any data is not written into the watchdog timer control reg-
ister (address 003916) after reset, the watchdog timer is in the
stop state. The watchdog timer starts to count down by writing an
optional value into the watchdog timer control register (address
003916) and an internal reset occurs at an underflow of the watch-
dog timer H.
Accordingly, programming is usually performed so that writing to
the watchdog timer control register (address 003916) may be
started before an underflow. When the watchdog timer control reg-
ister (address 003916) is read, the values of the high-order 6 bits
of the watchdog timer H, STP instruction disable bit, and watch-
dog timer H count source selection bit are read.
qInitial value of watchdog timer
At reset or writing to the watchdog timer control register (address
003916), each watchdog timer H and L are set to “FF16.”
Fig. 48 Structure of Watchdog timer control register
qWatchdog timer H count source selection bit operation
Bit 7 of the watchdog timer control register (address 003916) per-
mits selecting a watchdog timer H count source. When this bit is
set to “0”, the count source becomes the underflow signal of
watchdog timer L. The detection time is set to 131.072 ms at f(XIN)
= 8 MHz frequency and 32.768 s at f(XCIN) = 32 kHz frequency.
When this bit is set to “1”, the count source becomes the signal
divided by 16 for f(XIN) (or f(XCIN)). The detection time in this case
is set to 512
µs at f(XIN) = 8 MHz frequency and 128 ms at f(XCIN)
= 32 kHz frequency. This bit is cleared to “0” after reset.
qOperation of STP instruction disable bit
Bit 6 of the watchdog timer control register (address 003916) per-
mits disabling the STP instruction when the watchdog timer is in
operation.
When this bit is “0”, the STP instruction is enabled.
When this bit is “1”, the STP instruction is disabled, once the STP
instruction is executed, an internal reset occurs. When this bit is
set to “1”, it cannot be rewritten to “0” by program. This bit is
cleared to “0” after reset.
Fig. 47 Block diagram of Watchdog timer
XIN
Data bus
XCIN
“10”
“00”
“01”
Main clock division
ratio selection bits
(Note)
“0”
“1”
1/16
Watchdog timer H count
source selection bit
Reset
circuit
STP instruction disable bit
Watchdog timer H (8)
“FF16” is set when
watchdog timer
control register is
written to.
Internal reset
RESET
Watchdog timer L (8)
Note: Any one of high-speed, middle-speed or low-speed mode is selected by bits 7 and 6 of the CPU mode register.
STP instruction
“FF16” is set when
watchdog timer
control register is
written to.
b0
STP instruction disable bit
0: STP instruction enabled
1: STP instruction disabled
Watchdog timer H count source selection bit
0: Watchdog timer L underflow
1: f(XIN)/16 or f(XCIN)/16
Watchdog timer H (for read-out of high-order 6 bit)
Watchdog timer control register
(WDTCON : address 003916)
b7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com