Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 74Page - Renesas Technology Corp 7516 Datasheet HTML 75Page - Renesas Technology Corp 7516 Datasheet HTML 76Page - Renesas Technology Corp 7516 Datasheet HTML 77Page - Renesas Technology Corp 7516 Datasheet HTML 78Page - Renesas Technology Corp 7516 Datasheet HTML 79Page - Renesas Technology Corp 7516 Datasheet HTML 80Page - Renesas Technology Corp 7516 Datasheet HTML 81Page - Renesas Technology Corp 7516 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 78 of 89
7516 Group
VCC
VSS
VREF
AVSS
VIA
VIH
VIH
VIH
VIH
VIH
VIH
VIL
VIL
VIL
VIL
VIL
ELECTRICAL CHARACTERISTICS
Table 23 Absolute maximum ratings (Executing flash memory mode, flash memory electrical characteristics is applied.)
Power source voltage
Input voltage
P00–P07, P10–P17, P20, P21,
P24–P27, P30–P37, P40–P47,
VREF
Input voltage
P22, P23
Input voltage
RESET, XIN
Input voltage
Output voltage P00–P07, P10–P17, P20, P21,
P24–P27, P30–P37, P40–P47,
XOUT
Output voltage P22, P23
Power dissipation
Operating temperature
Storage temperature
VCC
VI
VI
VI
VI
VO
VO
Pd
Topr
Tstg
Symbol
Parameter
Conditions
Ratings
–0.3 to 6.5
–0.3 to VCC +0.3
–0.3 to 5.8
–0.3 to VCC +0.3
–0.3 to VCC +0.3
–0.3 to 13
–0.3 to 6.5
–0.3 to VCC +0.3
–0.3 to 5.8
300
–20 to 85
–40 to 125
V
V
V
V
V
V
V
mW
°C
°C
Unit
Ta = 25 °C
All voltages are based on VSS.
Output transistors are cut off.
5.5
5.5
VCC
VCC
VCC
5.8
VCC
5.8
VCC
VCC
0.2VCC
0.3VCC
0.6
0.2VCC
0.16VCC
Power source voltage (At 8 MHz)
Power source voltage (At 4 MHz)
Power source voltage
A-D convert reference voltage
Analog power source voltage
Analog input voltage
AN0–AN7
“H” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47
“H” input voltage (when I2C-BUS input level is selected)
SDA1, SCL1
“H” input voltage (when I2C-BUS input level is selected)
SDA2, SCL2
“H” input voltage (when SMBUS input level is selected)
SDA1, SCL1
“H” input voltage (when SMBUS input level is selected)
SDA2, SCL2
“H” input voltage
RESET, XIN, CNVSS
“L” input voltage
P00–P07, P10–P17, P20–P27, P30–P37, P40–P47
“L” input voltage (when I2C-BUS input level is selected)
SDA1, SDA2, SCL1, SCL2
“L” input voltage (when SMBUS input level is selected)
SDA1, SDA2, SCL1, SCL2
“L” input voltage
RESET, CNVSS
“L” input voltage
XIN
Symbol
Parameter
Limits
Min.
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
V
Unit
Table 24 Recommended operating conditions (1)
(VCC = 2.7 to 5.5 V, Ta = –20 to 85 °C, unless otherwise noted)
4.0
2.7
2.0
AVSS
0.8VCC
0.7VCC
0.7VCC
1.4
1.4
0.8VCC
0
0
0
0
0
5.0
5.0
0
0
Typ.
Max.
–80
–80
80
120
80
–40
–40
40
60
40
“H” total peak output current
P00–P07, P10–P17, P30–P37 (Note)
“H” total peak output current
P20, P21, P24–P27, P40–P47 (Note)
“L” total peak output current
P00–P07, P30–P37 (Note)
“L” total peak output current
P10–P17 (Note)
“L” total peak output current
P20–P27,P40–P47 (Note)
“H” total average output current P00–P07, P10–P17, P30–P37 (Note)
“H” total average output current P20, P21, P24–P27, P40–P47 (Note)
“L” total average output current P00–P07, P30–P37 (Note)
“L” total average output current P10–P17 (Note)
“L” total average output current P20–P27,P40–P47 (Note)
ΣIOH(peak)
ΣIOH(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOL(peak)
ΣIOH(avg)
ΣIOH(avg)
ΣIOL(avg)
ΣIOL(avg)
ΣIOL(avg)
mA
mA
mA
mA
mA
mA
mA
mA
mA
mA
Note : The total output current is the sum of all the currents flowing through all the applicable ports. The total average current is an average value measured
over 100 ms. The total peak current is the peak value of all the currents.
M37516M4, M37516M6, M37516M8
M37516E6
M37516F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com