Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 57Page - Renesas Technology Corp 7516 Datasheet HTML 58Page - Renesas Technology Corp 7516 Datasheet HTML 59Page - Renesas Technology Corp 7516 Datasheet HTML 60Page - Renesas Technology Corp 7516 Datasheet HTML 61Page - Renesas Technology Corp 7516 Datasheet HTML 62Page - Renesas Technology Corp 7516 Datasheet HTML 63Page - Renesas Technology Corp 7516 Datasheet HTML 64Page - Renesas Technology Corp 7516 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 61 of 89
7516 Group
(3) Standard serial I/O Mode
The standard serial I/O mode inputs and outputs the software
commands, addresses and data needed to operate (read, pro-
gram, erase, etc.) the internal flash memory. This I/O is clock
synchronized serial. This mode requires the exclusive external
equipment (serial programmer).
The standard serial I/O mode is different from the parallel I/O
mode in that the CPU controls flash memory rewrite (uses the
CPU rewrite mode), rewrite data input and so forth. The standard
serial I/O mode is started by connecting “H” to the P26 (SCLK) pin
and “H” to the P41 (INT0) pin and “H” to the CNVSS pin (apply 4.5
V to 5.5 V to Vpp from an external source), and releasing the re-
set operation. (In the ordinary microcomputer mode, set CNVss
pin to “L” level.)
This control program is written in the Boot ROM area when the
product is shipped from Mitsubishi. Accordingly, make note of the
fact that the standard serial I/O mode cannot be used if the Boot
ROM area is rewritten in parallel I/O mode. Figure 65 shows the
pin connection for the standard serial I/O mode.
In standard serial I/O mode, serial data I/O uses the four serial I/O
pins SCLK, RxD, TxD and SRDY1 (BUSY). The SCLK1 pin is the
transfer clock input pin through which an external transfer clock is
input. The TxD pin is for CMOS output. The SRDY1 (BUSY) pin
outputs “L” level when ready for reception and “H” level when re-
ception starts.
Serial data I/O is transferred serially in 8-bit units.
In standard serial I/O mode, only the User ROM area shown in
Figure 44 can be rewritten. The Boot ROM area cannot.
In standard serial I/O mode, a 7-byte ID code is used. When there
is data in the flash memory, commands sent from the peripheral
unit (programmer) are not accepted unless the ID code matches.
Outline Performance (Standard Serial I/O
Mode)
In standard serial I/O mode, software commands, addresses and
data are input and output between the MCU and peripheral units
(serial programmer, etc.) using 4-wire clock-synchronized serial
I/O (serial I/O1).
In reception, software commands, addresses and program data
are synchronized with the rise of the transfer clock that is input to
the SCLK pin, and are then input to the MCU via the RxD pin. In
transmission, the read data and status are synchronized with the
fall of the transfer clock, and output from the TxD pin.
The TxD pin is for CMOS output. Transfer is in 8-bit units with LSB
first.
When busy, such as during transmission, reception, erasing or
program execution, the SRDY1 (BUSY) pin is “H” level. Accord-
ingly, always start the next transfer after the SRDY1 (BUSY) pin is
“L” level.
Also, data and status registers in a memory can be read after in-
putting software commands. Status, such as the operating state of
the flash memory or whether a program or erase operation ended
successfully or not, can be checked by reading the status register.
Here following explains software commands, status registers, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com