Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 58Page - Renesas Technology Corp 7516 Datasheet HTML 59Page - Renesas Technology Corp 7516 Datasheet HTML 60Page - Renesas Technology Corp 7516 Datasheet HTML 61Page - Renesas Technology Corp 7516 Datasheet HTML 62Page - Renesas Technology Corp 7516 Datasheet HTML 63Page - Renesas Technology Corp 7516 Datasheet HTML 64Page - Renesas Technology Corp 7516 Datasheet HTML 65Page - Renesas Technology Corp 7516 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 62 of 89
7516 Group
Table 16 Description of pin function (Standard Serial I/O Mode)
Pin
Description
VCC,VSS
Apply program/erase protection voltage to Vcc pin and 0 V to Vss pin.
CNVSS
Connect to VCC when VCC = 4.5 V to 5.5 V.
Connect to Vpp (=4.5 V to 5.5 V) when VCC = 2.7 V to 4.5 V.
RESET
Reset input pin. While reset is “L” level, a 20 cycle or longer clock
must be input to XIN pin.
XIN
Connect a ceramic resonator or crystal oscillator between XIN and
XOUT pins. To input an externally generated clock, input it to XIN pin
and open XOUT pin.
XOUT
Name
Power input
CNVSS
Reset input
Clock input
Clock output
I/O
I
I
I
O
AVSS
VREF
Connect AVSS to VSS .
Enter the reference voltage for AD from this pin, or open.
P00 to P07
Input “H” or “L”, or open.
P10 to P17
Input “H” or “L”, or open.
P20 to P23
This pin is for serial data input.
Analog power supply input
Reference voltage input
Input port P0
Input port P1
Input port P2
I
I
I
I
P41
Input “H” when RESET is released only.
P40, P42 to P47
P24
This pin is for serial data output.
P25
P26
This pin is for serial clock input.
P27
Input port P4
Input port P4
RxD input
TxD output
SCLK input
BUSY output
I
I
I
I
P30 to P37
Input port P3I
O
O
Input “H” or “L”, or open.
This pin is for BUSY signal output.
Input “H” or “L”, or open.
Input “H” or “L”, or open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com