Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 50Page - Renesas Technology Corp 7516 Datasheet HTML 51Page - Renesas Technology Corp 7516 Datasheet HTML 52Page - Renesas Technology Corp 7516 Datasheet HTML 53Page - Renesas Technology Corp 7516 Datasheet HTML 54Page - Renesas Technology Corp 7516 Datasheet HTML 55Page - Renesas Technology Corp 7516 Datasheet HTML 56Page - Renesas Technology Corp 7516 Datasheet HTML 57Page - Renesas Technology Corp 7516 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 54 of 89
7516 Group
Software Commands (CPU Rewrite Mode)
Table 14 lists the software commands.
After setting the CPU Rewrite Mode Select Bit of the flash memory
control register to “1”, execute a software command to specify an
erase or program operation.
Each software command is explained below.
qRead Array Command (FF16)
The read array mode is entered by writing the command code
“FF16” in the first bus cycle. When an address to be read is input in
one of the bus cycles that follow, the contents of the specified ad-
dress are read out at the data bus (D0 to D7).
The read array mode is retained intact until another command is
written.
qRead Status Register Command (7016)
The read status register mode is entered by writing the command
code “7016” in the first bus cycle. The contents of the status regis-
ter are read out at the data bus (D0 to D7) by a read in the second
bus cycle.
The status register is explained in the next section.
qClear Status Register Command (5016)
This command is used to clear the bits SR1, SR4, and SR5 of the
status register after they have been set. These bits indicate that
operation has ended in an error. To use this command, write the
command code “5016” in the first bus cycle.
qProgram Command (4016)
Program operation starts when the command code “4016” is writ-
ten in the first bus cycle. Then, if the address and data to program
are written in the 2nd bus cycle, program operation (data program-
ming and verification) will start.
Whether the write operation is completed can be confirmed by
_____
reading the status register or the RY/BY Status Flag of the flash
memory control register. When the program starts, the read status
Table 14 List of software commands (CPU rewrite mode)
register mode is entered automatically and the contents of the sta-
tus register is read at the data bus (D0 to D7). The status register
bit 7 (SR7) is set to “0” at the same time the write operation starts
and is returned to “1” upon completion of the write operation. In
this case, the read status register mode remains active until the
next command is written.
____
The RY/BY Status Flag is “0” (busy) during write operation and “1”
(ready) when the write operation is completed as is the status reg-
ister bit 7.
At program end, program results can be checked by reading bit 4
(SR4) of the status register.
Fig. 60 Program flowchart
Start
Write 4016
Status register
read
Program completed
(Read array command
“FF16” write)
NO
YES
Write address
Write data
SR4 = 0 ?
Program
error
NO
YES
SR7 = 1 ?
or
RY/BY = 1 ?
Write
Command
Program
Clear status register
Read array
Read status register
X
X
First bus cycle
Second bus cycle
FF16
7016
5016
4016
Write
Write
Write
Write
XSRD
Read
Write
Erase all blocks
2016
Write
X
2016
Write
(Note 2)
WA (Note 3)
WD (Note 3)
Block erase2016
WriteD016
WriteBA (Note 4)
Mode
Address
Mode
Address
Data
(D0 to D7)
(D0 to D7)
(Note 1)
Notes 1: X denotes a given address in the User ROM area .
2: SRD = Status Register Data
3: WA = Write Address, WD = Write Data
4: BA = Block Address to be erased (Input the maximum address of each block.)
Cycle number
1
2
1
2
2
2
X
X
X
X
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com