Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 40Page - Renesas Technology Corp 7516 Datasheet HTML 41Page - Renesas Technology Corp 7516 Datasheet HTML 42Page - Renesas Technology Corp 7516 Datasheet HTML 43Page - Renesas Technology Corp 7516 Datasheet HTML 44Page - Renesas Technology Corp 7516 Datasheet HTML 45Page - Renesas Technology Corp 7516 Datasheet HTML 46Page - Renesas Technology Corp 7516 Datasheet HTML 47Page - Renesas Technology Corp 7516 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 44 of 89
7516 Group
RESET CIRCUIT
To reset the microcomputer, RESET pin must be held at an “L”
level for 20 cycles or more of XIN. Then the RESET pin is returned
to an “H” level (the power source voltage must be between 2.7 V
and 5.5 V, and the oscillation must be stable), reset is released.
After the reset is completed, the program starts from the address
contained in address FFFD16 (high-order byte) and address
FFFC16 (low-order byte). Make sure that the reset input voltage is
less than 0.54 V for VCC of 2.7 V.
Fig. 50 Reset sequence
Fig. 49 Reset circuit example
(Note)
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
Note : Reset release voltage; Vcc = 2.7 V
RESET
Data
φ
Address
SYNC
XIN: 8 to 13 clock cycles
XIN
?
?
?
?
?
FFFC
FFFD
ADH,L
?
?
?
?
?
ADL
ADH
1: The frequency relation of f(XIN) and f(
φ) is f(XIN) = 8 • f(φ).
2: The question marks (?) indicate an undefined state that depends on the previous state.
3: All signals except XIN and RESET are internals.
Reset address from the vector table.
Notes
RESETOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com