Electronic Components Datasheet Search
  English  ▼

X  

7516 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 68Page - Renesas Technology Corp 7516 Datasheet HTML 69Page - Renesas Technology Corp 7516 Datasheet HTML 70Page - Renesas Technology Corp 7516 Datasheet HTML 71Page - Renesas Technology Corp 7516 Datasheet HTML 72Page - Renesas Technology Corp 7516 Datasheet HTML 73Page - Renesas Technology Corp 7516 Datasheet HTML 74Page - Renesas Technology Corp 7516 Datasheet HTML 75Page - Renesas Technology Corp 7516 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 72 of 89
7516 Group
qStatus Register 1 (SRD1)
The status register 1 indicates the status of serial communica-
tions, results from ID checks and results from check sum
comparisons. It can be read after the status register (SRD) by writ-
ing the read status register command (7016). Also, status register
1 is cleared by writing the clear status register command (5016).
Table 19 lists the definition of each status register 1 bit. This regis-
ter becomes “0016” when power is turned on and the flag status is
maintained even after the reset.
Table 19 Definition of each bit of status register 1 (SRD1)
00
Not verified
01
Verification mismatch
10
Reserved
11
Verified
SR15 (bit7)
SR14 (bit6)
SR13 (bit5)
SR12 (bit4)
SR11 (bit3)
SR10 (bit2)
SR9 (bit1)
SR8 (bit0)
Boot update completed bit
Reserved
Reserved
Checksum match bit
ID check completed bits
Data reception time out
Reserved
“1”
Update completed
-
-
Match
Time out
-
“0”
Not Update
-
-
Mismatch
Normal operation
-
Definition
SRD1 bits
Status name
•Boot update completed bit (SR15)
This flag indicates whether the control program was downloaded
to the RAM or not, using the download function.
•Check sum consistency bit (SR12)
This flag indicates whether the check sum matches or not when a
program, is downloaded for execution using the download func-
tion.
•ID check completed bits (SR11 and SR10)
These flags indicate the result of ID checks. Some commands
cannot be accepted without an ID code check.
•Data reception time out (SR9)
This flag indicates when a time out error is generated during data
reception. If this flag is attached during data reception, the re-
ceived data is discarded and the MCU returns to the command
wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com