Electronic Components Datasheet Search
  English  ▼

X  

SH7149 Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 97Page - Renesas Technology Corp SH7149 Datasheet HTML 98Page - Renesas Technology Corp SH7149 Datasheet HTML 99Page - Renesas Technology Corp SH7149 Datasheet HTML 100Page - Renesas Technology Corp SH7149 Datasheet HTML 101Page - Renesas Technology Corp SH7149 Datasheet HTML 102Page - Renesas Technology Corp SH7149 Datasheet HTML 103Page - Renesas Technology Corp SH7149 Datasheet HTML 104Page - Renesas Technology Corp SH7149 Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1022 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 May 17, 2007 Page 57 of 974
REJ09B0229-0300
The clock pulse generator blocks function as follows:
PLL Circuit: The PLL circuit multiples the clock frequency input from the crystal oscillator or
the EXTAL pin by 8. The multiplication ratio is fixed at
×8.
Crystal Oscillator: The crystal oscillator is an oscillator circuit when a crystal resonator is
connected to the XTAL and EXTAL pins.
Divider: The divider generates clocks with the frequencies to be used by the internal clock (I
φ),
bus clock (B
φ), peripheral clock (Pφ), MTU2S clock (MIφ), and MTU2 clock (MPφ).
The frequencies can be selected from 1, 1/2, 1/3, 1/4, and 1/8 times the frequency output from the
PLL circuit. The division ratio should be specified in the frequency control register (FRQCR).
Oscillation Stop Detection Circuit: This circuit detects an abnormal condition in the crystal
oscillator.
Clock Frequency Control Circuit: The clock frequency control circuit controls the clock
frequency according to the setting in the frequency control register (FRQCR).
Standby Control Circuit: The standby control circuit controls the state of the on-chip oscillator
circuit and other modules in sleep or standby mode.
Frequency Control Register (FRQCR): The frequency control register (FRQCR) has control
bits for the frequency division ratios of the internal clock (I
φ), bus clock (Bφ), peripheral clock
(P
φ), MTU2S clock (MIφ), and MTU2 clock (MPφ).
Oscillation Stop Detection Control Register (OSCCR): The oscillation stop detection control
register (OSCCR) has an oscillation stop detection flag and a bit for selecting flag status output
through an external pin.
Standby Control Registers 1 to 6 (STBCR1 to STBCR6): The standby control register
(STBCR) has bits for controlling the power-down modes. For details, see section 22, Power-Down
Modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com