Electronic Components Datasheet Search
  English  ▼

X  

SH7149 Datasheet(PDF) 104 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 104 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 100Page - Renesas Technology Corp SH7149 Datasheet HTML 101Page - Renesas Technology Corp SH7149 Datasheet HTML 102Page - Renesas Technology Corp SH7149 Datasheet HTML 103Page - Renesas Technology Corp SH7149 Datasheet HTML 104Page - Renesas Technology Corp SH7149 Datasheet HTML 105Page - Renesas Technology Corp SH7149 Datasheet HTML 106Page - Renesas Technology Corp SH7149 Datasheet HTML 107Page - Renesas Technology Corp SH7149 Datasheet HTML 108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 1022 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 May 17, 2007 Page 60 of 974
REJ09B0229-0300
4.3
Clock Operating Mode
Table 4.3 shows the clock operating mode of this LSI.
Table 4.3
Clock Operating Mode
Clock I/O
Clock Operating
Mode
Source
Output
PLL Circuit
Input to Divider
1
EXTAL input or
crystal resonator
CK*
ON (
×8)
×8
Note:
*
To output the clock through the clock output (CK) pin, appropriate settings should be
made in the pin function controller (PFC). For details, refer to section 17, Pin Function
Controller (PFC).
Mode 1: The frequency of the external clock input from the EXTAL pin is multiplied by 8 in the
PLL circuit before being supplied to the on-chip modules in this LSI, which eliminates the need to
generate a high-frequency clock outside the LSI. Since the input clock frequency ranging from 5
MHz to 12.5 MHz can be used, the internal clock (I
φ) frequency ranges from 10 MHz to 80 MHz.
Maximum operating frequencies:
I
φ = 80 MHz, Bφ = 40 MHz, Pφ = 40 MHz, MIφ = 80 MHz, and MPφ = 40 MHz
Table 4.4 shows the frequency division ratios that can be specified with FRQCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com