Electronic Components Datasheet Search
  English  ▼

X  

SH7149 Datasheet(PDF) 108 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 108 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 104Page - Renesas Technology Corp SH7149 Datasheet HTML 105Page - Renesas Technology Corp SH7149 Datasheet HTML 106Page - Renesas Technology Corp SH7149 Datasheet HTML 107Page - Renesas Technology Corp SH7149 Datasheet HTML 108Page - Renesas Technology Corp SH7149 Datasheet HTML 109Page - Renesas Technology Corp SH7149 Datasheet HTML 110Page - Renesas Technology Corp SH7149 Datasheet HTML 111Page - Renesas Technology Corp SH7149 Datasheet HTML 112Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 1022 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 May 17, 2007 Page 64 of 974
REJ09B0229-0300
Notes: *
Clock frequencies when the input clock frequency is assumed to be the shown value.
1. The PLL multiplication ratio is fixed at
×8. The division ratio can be selected from ×1,
×1/2, ×1/3, ×1/4, and ×1/8 for each clock by the setting in the frequency control register.
2. The output frequency of the PLL circuit is the product of the frequency of the input from
the crystal resonator or EXTAL pin and the multiplication ratio (
×8) of the PLL circuit.
3. The input to the divider is always the output from the PLL circuit.
4. The internal clock (I
φ) frequency is the product of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (
×8) of the PLL circuit, and the
division ratio of the divider. The resultant frequency must be a maximum of 80 MHz
(maximum operating frequency).
5. The bus clock (B
φ) frequency is the product of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (
×8) of the PLL circuit, and the
division ratio of the divider. The resultant frequency must be a maximum of 40 MHz and
equal to or lower than the internal clock (I
φ) frequency.
6. The peripheral clock (P
φ) frequency is the product of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (
×8) of the PLL circuit, and the
division ratio of the divider. The resultant frequency must be a maximum of 40 MHz and
equal to or lower than the bus clock (B
φ) frequency.
7. When using the MTU2S and MTU2, the MTU2S clock (MI
φ) frequency must be equal to
or lower than the internal clock (I
φ) frequency and equal to or higher than the MTU2
clock (MP
φ) frequency. The MTU2 clock (MPφ) frequency must be equal to or lower
than the MTU2S clock (MI
φ) frequency and the bus clock (Bφ) frequency, and equal to
or higher than the peripheral clock frequency (P
φ). The MTU2S clock (MIφ) frequency
and MTU2 clock (MP
φ) frequency are the product of the frequency of the input from the
crystal resonator or EXTAL pin, the multiplication ratio (
×8) of the PLL circuit, and the
division ratio of the divider.
8. The frequency of the CK pin is always be equal to the bus clock (B
φ) frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com