Electronic Components Datasheet Search
  English  ▼

X  

SH7149 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 107Page - Renesas Technology Corp SH7149 Datasheet HTML 108Page - Renesas Technology Corp SH7149 Datasheet HTML 109Page - Renesas Technology Corp SH7149 Datasheet HTML 110Page - Renesas Technology Corp SH7149 Datasheet HTML 111Page - Renesas Technology Corp SH7149 Datasheet HTML 112Page - Renesas Technology Corp SH7149 Datasheet HTML 113Page - Renesas Technology Corp SH7149 Datasheet HTML 114Page - Renesas Technology Corp SH7149 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 1022 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 May 17, 2007 Page 67 of 974
REJ09B0229-0300
Bit
Bit Name
Initial
Value
R/W
Description
8 to 6
PFC[2:0]
011
R/W
Peripheral Clock (P
φ) Frequency Division Ratio
Specify the division ratio of the peripheral clock (P
φ)
frequency with respect to the output frequency of PLL
circuit. If a prohibited value is specified, subsequent
operation is not guaranteed.
000:
×1
001:
×1/2
010:
×1/3
011:
×1/4
100:
×1/8
Other than above: Setting prohibited
5 to 3
MIFC[2:0]
011
R/W
MTU2S Clock (MI
φ) Frequency Division Ratio
Specify the division ratio of the MTU2S clock (MI
φ)
frequency with respect to the output frequency of PLL
circuit. If a prohibited value is specified, subsequent
operation is not guaranteed.
000:
×1
001:
×1/2
010:
×1/3
011:
×1/4
100:
×1/8
Other than above: Setting prohibited
2 to 0
MPFC[2:0] 011
R/W
MTU2 Clock (MP
φ) Frequency Division Ratio
Specify the division ratio of the MTU2 clock (MP
φ)
frequency with respect to the output frequency of PLL
circuit. If a prohibited value is specified, subsequent
operation is not guaranteed.
000:
×1
001:
×1/2
010:
×1/3
011:
×1/4
100:
×1/8
Other than above: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com