Electronic Components Datasheet Search
  English  ▼

X  

SH7149 Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 109Page - Renesas Technology Corp SH7149 Datasheet HTML 110Page - Renesas Technology Corp SH7149 Datasheet HTML 111Page - Renesas Technology Corp SH7149 Datasheet HTML 112Page - Renesas Technology Corp SH7149 Datasheet HTML 113Page - Renesas Technology Corp SH7149 Datasheet HTML 114Page - Renesas Technology Corp SH7149 Datasheet HTML 115Page - Renesas Technology Corp SH7149 Datasheet HTML 116Page - Renesas Technology Corp SH7149 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 1022 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 May 17, 2007 Page 69 of 974
REJ09B0229-0300
4.5
Changing Frequency
Selecting division ratios for the frequency divider can change the frequencies of the internal clock
(I
φ), bus clock (Bφ), peripheral clock (Pφ), MTU2S clock (MIφ), and MTU2 clock (MPφ). This is
controlled by software through the frequency control register (FRQCR). The following describes
how to specify the frequencies.
1. In the initial state, IFC2 to IFC0 = H'011 (
×1/4), BFC2 to BFC0 = H'011 (×1/4), PFC2 to
PFC0 = H'011 (
×1/4), MIFC2 to MIFC0 = H'011 (×1/4), and MPFC2 to MPFC0 = H'011
(
×1/4).
2. Stop all modules except the CPU, on-chip ROM, and on-chip RAM.
3. Set the desired values in bits IFC2 to IFC0, BFC2 to BFC0, PFC2 to PFC0, MIFC2 to MIFC0,
and MPFC2 to MPFC0 bits. Since the frequency multiplication ratio in the PLL circuit is fixed
at
×8, the frequencies are determined only be selecting division ratios. When specifying the
frequencies, satisfy the following condition: internal clock (I
φ) ≥ bus clock (Bφ) ≥ peripheral
clock (P
φ). When using the MTU2S clock and MTU2 clock, specify the frequencies to satisfy
the following condition: internal clock (I
φ) ≥ MTU2S clock (MIφ) ≥ MTU2 clock (MPφ) ≥
peripheral clock (P
φ) and bus clock (Bφ) ≥ MTU2 clock (MPφ). Code to rewrite values of
FRQCR should be executed in the on-chip ROM or on-chip RAM.
4. After an instruction to rewrite FRQCR has been issued, the actual clock frequencies will
change after (1 to 24n) cyc + 11B
φ + 7Pφ.
n: Division ratio specified by the BFC bit in FRQCR (1, 1/2, 1/3, 1/4, or 1/8)
cyc: Clock obtained by dividing EXTAL by 8 with the PLL.
Note:
(1 to 24n) depends on the internal state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com