Electronic Components Datasheet Search
  English  ▼

X  

SH7149 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 112Page - Renesas Technology Corp SH7149 Datasheet HTML 113Page - Renesas Technology Corp SH7149 Datasheet HTML 114Page - Renesas Technology Corp SH7149 Datasheet HTML 115Page - Renesas Technology Corp SH7149 Datasheet HTML 116Page - Renesas Technology Corp SH7149 Datasheet HTML 117Page - Renesas Technology Corp SH7149 Datasheet HTML 118Page - Renesas Technology Corp SH7149 Datasheet HTML 119Page - Renesas Technology Corp SH7149 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 1022 page
background image
Section 4 Clock Pulse Generator (CPG)
Rev. 3.00 May 17, 2007 Page 72 of 974
REJ09B0229-0300
4.7
Function for Detecting Oscillator Stop
This CPG detects a stop in the clock input if any system abnormality halts the clock supply.
When no change has been detected in the EXTAL input for a certain period, the OSCSTOP bit in
OSCCR is set to 1 and this state is retained until a power-on reset is input through the
RES pin or
software standby mode is canceled. If the OSCERS bit is set to 1 at this time, an oscillation stop
detection flag signal is output through the
WDTOVF pin. In addition, the high-current ports (pins
to which the TIOC3B, TIOC3D, and TIOC4A to TIOC4D signals in the MTU2 and the TIOC3BS,
TIOC3DS, and TIOC4AS to TIOC4DS signals in the MTU2S are assigned) can be placed in high-
impedance state regardless of the PFC setting. For details, refer to appendix A, Pin States.
Even in software standby mode, these pins can be placed in high-impedance state. For details,
refer to appendix A, Pin States. These pins enter the normal state after software standby mode is
canceled. Under an abnormal condition where oscillation stops while the LSI is not in software
standby mode, LSI operations other than the oscillation stop detection function become
unpredictable. In this case, even after oscillation is restarted, LSI operations including the above
high-current pins become unpredictable.
Even while no change is detected in the EXTAL input, the PLL circuit in this LSI continues
oscillating at a frequency range from 100 kHz to 10 MHz (depending on the temperature and
operating voltage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com