| Electronic Components Datasheet Search |
|
SH7149 Datasheet(PDF) 120 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7149 Datasheet(HTML) 120 Page - Renesas Technology Corp |
|
120 / 1022 page ![]() Section 5 Exception Handling Rev. 3.00 May 17, 2007 Page 76 of 974 REJ09B0229-0300 5.1.2 Exception Handling Operations The exceptions are detected and the exception handling starts according to the timing shown in table 5.2. Table 5.2 Timing for Exception Detection and Start of Exception Handling Exception Timing of Source Detection and Start of Exception Handling Reset Power-on reset Started when the RES pin changes from low to high or when the WDT overflows. Manual reset Started when the MRES pin changes from low to high or when the WDT overflows. Address error Interrupt Detected during the instruction decode stage and started after the execution of the current instruction is completed. Instruction Trap instruction Started by the execution of the TRAPA instruction. General illegal instructions Started when an undefined code placed at other than a delay slot (immediately after a delayed branch instruction) is decoded. Illegal slot instructions Started when an undefined code placed at a delay slot (immediately after a delayed branch instruction) or an instruction that changes the PC value is detected. When exception handling starts, the CPU operates Exception Handling Triggered by Reset: The initial values of the program counter (PC) and stack pointer (SP) are fetched from the exception handling vector table (PC from the address H'00000000 and SP from the address H'00000004 when a power-on reset. PC from the address H'00000008 and SP from the address H'0000000C when a manual reset.). For details, see section 5.1.3, Exception Handling Vector Table. H'00000000 is then written to the vector base register (VBR), and H'F (B'1111) is written to the interrupt mask bits (I3 to I0) in the status register (SR). The program starts from the PC address fetched from the exception handling vector table. Exception Handling Triggered by Address Error, Interrupt, and Instruction: SR and PC are saved to the stack indicated by R15. For interrupt exception handling, the interrupt priority level is written to the interrupt mask bits (I3 to I0) in SR. For address error and instruction exception handling, bits I3 to I0 are not affected. The start address is then fetched from the exception handling vector table and the program starts from that address. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |