Electronic Components Datasheet Search
  English  ▼

X  

SH7149 Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # SH7149
Description  32-Bit RISC Microcomputer SuperH??RISC engine Family
PDF  1022 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7149 Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button SH7149 Datasheet HTML 117Page - Renesas Technology Corp SH7149 Datasheet HTML 118Page - Renesas Technology Corp SH7149 Datasheet HTML 119Page - Renesas Technology Corp SH7149 Datasheet HTML 120Page - Renesas Technology Corp SH7149 Datasheet HTML 121Page - Renesas Technology Corp SH7149 Datasheet HTML 122Page - Renesas Technology Corp SH7149 Datasheet HTML 123Page - Renesas Technology Corp SH7149 Datasheet HTML 124Page - Renesas Technology Corp SH7149 Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 1022 page
background image
Section 5 Exception Handling
Rev. 3.00 May 17, 2007 Page 77 of 974
REJ09B0229-0300
5.1.3
Exception Handling Vector Table
Before exception handling starts, the exception handling vector table must be set in memory. The
exception handling vector table stores the start addresses of exception handling routines. (The
reset exception handling table holds the initial values of PC and SP.)
All exception sources are given different vector numbers and vector table address offsets. The
vector table addresses are calculated from these vector numbers and vector table address offsets.
During exception handling, the start addresses of the exception handling routines are fetched from
the exception handling vector table that is indicated by this vector table address.
Table 5.3 shows the vector numbers and vector table address offsets. Table 5.4 shows how vector
table addresses are calculated.
Table 5.3
Vector Numbers and Vector Table Address Offsets
Exception Handling Source
Vector Number
Vector Table Address Offset
Power-on reset
PC
0
H'00000000 to H'00000003
SP
1
H'00000004 to H'00000007
Manual reset
PC
2
H'00000008 to H'0000000B
SP
3
H'0000000C to H'0000000F
General illegal instruction
4
H'00000010 to H'00000013
(Reserved for system use)
5
H'00000014 to H'00000017
Illegal slot instruction
6
H'00000018 to H'0000001B
(Reserved for system use)
7
H'0000001C to H'0000001F
8
H'00000020 to H'00000023
CPU address error
9
H'00000024 to H'00000027
DTC address error
10
H'00000028 to H'0000002B
Interrupt
NMI
11
H'0000002C to H'0000002F
User break
12
H'00000030 to H'00000033
(Reserved for system use)
13
H'00000034 to H'00000037
:
:
31
H'0000007C to H'0000007F
Trap instruction (user vector)
32
H'00000080 to H'00000083
:
:
63
H'000000FC to H'000000FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com