Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 147Page - Renesas Technology Corp R8C/10 Datasheet HTML 148Page - Renesas Technology Corp R8C/10 Datasheet HTML 149Page - Renesas Technology Corp R8C/10 Datasheet HTML 150Page - Renesas Technology Corp R8C/10 Datasheet HTML 151Page - Renesas Technology Corp R8C/10 Datasheet HTML 152Page - Renesas Technology Corp R8C/10 Datasheet HTML 153Page - Renesas Technology Corp R8C/10 Datasheet HTML 154Page - Renesas Technology Corp R8C/10 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 199 page
background image
17. Flash Memory Version
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 141 of 180
REJ09B0019-0120
17.2 Memory Map
The ROM in the flash memory version is separated between a user ROM area and a boot ROM area
(reserved area). Figure 17.1 shows the block diagram of flash memory.
The user ROM area is divided into several blocks. The user ROM area can be rewritten in CPU rewrite
and standard serial I/O modes. Block 1 and Block 0 are enabled for rewrite in CPU rewrite mode by
setting the FMR02 bit in the FMR0 register to “1” (rewrite enabled).
The rewrite program for standard serial I/O mode is stored in the boot ROM area before shipment. The
boot ROM area and the user ROM area share the same address, but have an another memory.
Figure 17.1 Flash Memory Block Diagram
8 Kbytes
0FFFF16
Boot ROM area
(reserved area)(2)
NOTES:
1. When setting the FMR02 bit in the FMR0 register to “1” (rewrite enabled) and the FMR15 bit in the FMR1 register to “0” (rewrite enabled), the Block 0
is rewritable. When setting the FMR16 bit to “0” (rewrite enabled), the Block 1 is rewritable (only for CPU rewrite mode).
2. This area is to store the boot program provided by Renesas Technology.
Block 0 : 8 Kbytes(1)
Block 1 : 8 Kbytes(1)
0FFFF16
0E00016
User ROM area
0C00016
0DFFF16
0E00016
Block 0 : 8 Kbytes(1)
Block 1 : 4 Kbytes(1)
0FFFF16
User ROM area
0D00016
0DFFF16
0E00016
Block 0 : 8 Kbytes(1)
0FFFF16
User ROM area
0E00016
16 Kbytes ROM Product
12 Kbytes ROM Product
8 Kbytes ROM Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com