Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 150Page - Renesas Technology Corp R8C/10 Datasheet HTML 151Page - Renesas Technology Corp R8C/10 Datasheet HTML 152Page - Renesas Technology Corp R8C/10 Datasheet HTML 153Page - Renesas Technology Corp R8C/10 Datasheet HTML 154Page - Renesas Technology Corp R8C/10 Datasheet HTML 155Page - Renesas Technology Corp R8C/10 Datasheet HTML 156Page - Renesas Technology Corp R8C/10 Datasheet HTML 157Page - Renesas Technology Corp R8C/10 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 144 of 180
REJ09B0019-0120
17.4.1 EW0 Mode
The microcomputer is placed in CPU rewrite mode by setting the FMR01 bit in the FMR0 register to “1”
(CPU rewrite mode enabled), ready to accept commands. In this case, because the FMR1 register's
FMR11 bit = 0, EW0 mode is selected.
Use software commands to control program and erase operations. Read the FMR0 register or status
register to check the status of program or erase operation at completion.
When moving to an erase-suspend during auto-erase, set the FMR40 bit to “1” (erase-suspend en-
abled ) and the FMR41 bit to “1” (erase-suspend requested). Make sure that the FMR46 bit is set to “1”
(enables reading) before accessing the user ROM space. The auto-erase operation resumes by set-
ting the FMR41 bit to “0” (erase restart).
17.4.2 EW1 Mode
EW1 mode is selected by setting FMR11 bit to “1” (EW1 mode) after setting the FMR01 bit to “1” (CPU
rewrite mode enabled).
Read the FMR0 register to check the status of program or erase operation at completion. Avoid ex-
ecuting software commands of Read Status register in EW1 mode.
To enable the erase-suspend function, the Block Erase command should be executed after setting the
FMR40 bit to “1” (erase-suspend enabled). An interrupt to request an erase-suspend must be in en-
abled state. After passing td(SR-ES) since the block erase command is executed, an interrupt request
can be acknowledged.
The FMR41 bit is automatically set to “1” (erase-suspend requested) if the auto-erase operation is
halted by an interrupt request. If the erase operation is not completed (FMR00 bit is “0”) when the
interrupt routine is ended, the Block Erase command should be executed again by setting the FMR41
bit to “0” (erase restart).
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com