Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 152Page - Renesas Technology Corp R8C/10 Datasheet HTML 153Page - Renesas Technology Corp R8C/10 Datasheet HTML 154Page - Renesas Technology Corp R8C/10 Datasheet HTML 155Page - Renesas Technology Corp R8C/10 Datasheet HTML 156Page - Renesas Technology Corp R8C/10 Datasheet HTML 157Page - Renesas Technology Corp R8C/10 Datasheet HTML 158Page - Renesas Technology Corp R8C/10 Datasheet HTML 159Page - Renesas Technology Corp R8C/10 Datasheet HTML 160Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 146 of 180
REJ09B0019-0120
Flash memory control register 0
SymbolAddressAfter reset
FMR001B716
000000012
b7 b6 b5 b4 b3 b2 b1 b0
FMR00
Bit symbol
Bit nameFunctionRW
0: Busy (being written or erased)
1: Ready
CPU rewrite mode select
bit(1, 6)
0: Disable CPU rewrite mode
1: Enable CPU rewrite mode
FMR01
Block1, 0 rewrite enable
bit(2, 6)
0: Rewrite disabled
1: Rewrite enabled
Flash memory stop bit(3, 5, 6)
FMR02
FMSTP
0
RY/BY status flag
Reserved bit
Set to “0”
0: Terminated normally
1: Terminated in error
Program status flag(4)
FMR06
0: Terminated normally
1: Terminated in error
Erase status flag(4)
FMR07
RW
RW
RW
RW
RO
RO
RO
(b5-b4)
0: Enable flash memory operation
1: Stop flash memory operation
(placed in low power mode,
flash memory initialized)
NOTES:
1. To set this bit to “1”, write “0” and then “1” in succession. Make sure no interrupts will occur before
writing “1” after writing “0”.
Set the microcomputer in read array mode before writing “0” to this bit.
2. To set this bit to “1”, write “0” and then “1” in succession when the FMR01 bit = 1. Make sure no
interrupts will occur before writing “1” after writing “0”.
3. Write to this bit from a program in other than the flash memory.
4. This flag is set to “0” by executing the Clear Status command.
5. Effective when the FMR01 bit = 1 (CPU rewrite mode). If the FMR01 bit = 0, although the FMSTP bit
can be set to “1” by writing “1”, the flash memory is neither placed in low power mode nor initialized.
6. Use the bit process instruction to set the FMR01, FMR02 and FMSTP bits (Refer to “R8C/Tiny Series
Software Manual”.
0
Figure 17.3 FMR0 Register
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com