Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 156Page - Renesas Technology Corp R8C/10 Datasheet HTML 157Page - Renesas Technology Corp R8C/10 Datasheet HTML 158Page - Renesas Technology Corp R8C/10 Datasheet HTML 159Page - Renesas Technology Corp R8C/10 Datasheet HTML 160Page - Renesas Technology Corp R8C/10 Datasheet HTML 161Page - Renesas Technology Corp R8C/10 Datasheet HTML 162Page - Renesas Technology Corp R8C/10 Datasheet HTML 163Page - Renesas Technology Corp R8C/10 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 150 of 180
REJ09B0019-0120
17.4.3 Software Commands
Software commands are described below. The command code and data must be read and written in
8-bit units.
Table 17.4 Software Commands
• Read Array Command
This command reads the flash memory.
Writing ‘FF16’ in the first bus cycle places the microcomputer in read array mode. Enter the read
address in the next or subsequent bus cycles, and the content of the specified address can be read
in 8-bit units.
Because the microcomputer remains in read array mode until another command is written, the con-
tents of multiple addresses can be read in succession.
• Read Status Register Command
This command reads the status register.
Write ‘7016’ in the first bus cycle, and the status register can be read in the second bus cycle. (Refer
to Section 17.4.4, “Status Register.”) When reading the status register too, specify an address in the
user ROM area.
Avoid executing this command in EW1 mode.
• Clear Status Register Command
This command sets the status register to “0”.
Write ‘5016’ in the first bus cycle, and the FMR06 to FMR07 bits in the FMR0 register and SR4 to SR5
in the status register will be set to “0”.
Command
Program
Clear status register
Read array
Read status register
First bus cycle
Second bus cycle
Block erase
Write
Write
Write
Write
Write
Mode
Read
Write
Write
Mode
X
WA
BA
Address
SRD
WD
D016
Data
(D7 to D0)
FF16
7016
5016
4016
2016
Data
(D7 to D0)
X
X
X
WA
X
Address
SRD: Status register data (D7 to D0)
WA: Write address (Make sure the address value specified in the the first bus cycle is the same address
as the write address specified in the second bus cycle.)
WD: Write data (8 bits)
BA: Given block address
X: Any address in the user ROM area
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com