Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 159Page - Renesas Technology Corp R8C/10 Datasheet HTML 160Page - Renesas Technology Corp R8C/10 Datasheet HTML 161Page - Renesas Technology Corp R8C/10 Datasheet HTML 162Page - Renesas Technology Corp R8C/10 Datasheet HTML 163Page - Renesas Technology Corp R8C/10 Datasheet HTML 164Page - Renesas Technology Corp R8C/10 Datasheet HTML 165Page - Renesas Technology Corp R8C/10 Datasheet HTML 166Page - Renesas Technology Corp R8C/10 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 199 page
background image
R8C/10 Group
Rev.1.20 Jan 27, 2006
page 153 of 180
REJ09B0019-0120
Figure 17.11 Block Erase Command (When Using Erase-suspend Function)
Write ‘D016’ to the
any block address
Start
Block erase completed
YES
NO
Write the command code ‘2016’
FMR00=1?
Full status check
Interrupt(1, 2)
REIT
YES
NO
FMR46=1?
Access to flash memory
FMR40=1
FMR40=1
FMR41=0
<EW0 Mode>
Write ‘D016’ to the
any block address
Start
Write the command code ‘2016’
Block erase completed
YES
NO
FMR00=1?
Full status check
Interrupt(2)
REIT
Access to flash memory
FMR40=1
<EW1 Mode>
FMR41=0
NOTES:
1. In EW0 mode, interrupt vector table for an interrupt used should be located in the RAM space.
2. td(SR-ES) is needed after an interrupt request is generated before being acknowledged.
The interrupt to enter an erase-suspend should be in interrupt enabled status.
17.4 CPU Rewrite Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com