Electronic Components Datasheet Search
  English  ▼

X  

R8C/10 Datasheet(PDF) 197 Page - Renesas Technology Corp

Part # R8C/10
Description  RENESAS 16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C/10 Datasheet(HTML) 197 Page - Renesas Technology Corp

Back Button R8C/10 Datasheet HTML 191Page - Renesas Technology Corp R8C/10 Datasheet HTML 192Page - Renesas Technology Corp R8C/10 Datasheet HTML 193Page - Renesas Technology Corp R8C/10 Datasheet HTML 194Page - Renesas Technology Corp R8C/10 Datasheet HTML 195Page - Renesas Technology Corp R8C/10 Datasheet HTML 196Page - Renesas Technology Corp R8C/10 Datasheet HTML 197Page - Renesas Technology Corp R8C/10 Datasheet HTML 198Page - Renesas Technology Corp R8C/10 Datasheet HTML 199Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 197 / 199 page
background image
C-7
REVISION HISTORY
Rev.
Date
Description
Page
Summary
R8C/10 Group Hardware Manual
1.20 Jan.27.2006
113
14.7 Output Impedance of Sensor under A/D Conversion added
116
Figure 15.1 Programmable I/O Ports (1); NOTES: 1 added
117
Figure 15.2 Programmable I/O Ports (2); NOTES: 1 added
118
Figure 15.3 Programmable I/O Ports (3); NOTES: 1 added
119
Figure 15.4 Programmable I/O Ports (4); NOTES: 3 added
127
_______
Table 15.20 Port P33/INT3/TCIN Setting; Bit: “PD3_1”
→ “PD3_3”
_______
Table 15.22 Port P45/INT0 Setting; Bit: “PD3_3”
→ “PD4_5”
Table 15.23 Port XIN/P46, XOUT/P47 Setting;
Setting value: External input to XIN pin, “H” output from XOUT pin;
CM1: “1”
→ “0”, CM0: “0” → “1”, Feedback resistance: “OFF” → “ON”
129
Table 16.2 Recommended Operating Conditions; NOTES: 1, 2, 3 revised
130
Table 16.3 A/D Conversion Characteristics;
“A/D operation clock frequency”
→ “A/D operating clock frequency” revised
NOTES: 1, 2, 3, 4 revised
Table 16.4 Flash Memory (Program ROM) Electrical Characteristics;
“Data retention duration”
→ “Data hold time” revised
“Topr”
→ “Ambient temperature” revised
NOTES: 2 added
Measuring condition of byte program time and block erase time deleted
132
Table 16.6 Electrical Characteristics (1) [VCC=5V];
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
133
Table 16.7 Electrical Characteristics (2) [VCC=5V]
NOTES: 1, 2 revised
Measuring condition: Stop mode “Topr = 25 °C” added
136
Table 16.13 Electrical Characteristics (3) [VCC=3V]
“P10 to P17 Except XOUT”
→ “Except P10 to P17, XOUT” revised
137
Table 16.14 Electrical Characteristics (4) [VCC=3V]
NOTES: 1, 2 revised
Measuring condition: Stop mode “Topr = 25 °C” added
147
Figure 17.4 FMR1 and FMR4;
Flash memory control register 4 NOTES: 2 “Other than this period, this bit is set to
“0”.” revised
153
Figure 17.11 Block Erase Command (When Using Erase-suspend Function);
“Write ‘D016’ to the uppermost block address”
→
“Write ‘D016’ to the any block address” revised
156
Figure 17.12 Full Status Check and Handling Procedure for Each Error revised
158
Table 17.7 Pin Functions (Flash Memory Standard Serial I/O Mode);
____________
RESET: revised
162
19.1.1 Stop Mode
“Use the next program to enter stop mode.” added
“• Example of entering stop mode”
→ “• Program of entering stop mode”
“Program Example” deleted
166
19.3.1 Oscillation Stop Detection Function
“Since the oscillation stop ... is 2 MHz or below, ...”
→
“Since the oscillation stop ... is below 2 MHz, ...” revised
176
Appendix figure 2.2 Connecting examples with M16C Flash Starter (M3A-0806);
Pulled up added
NOTES: 1 revised



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com