Electronic Components Datasheet Search
  English  ▼

X  

HD64F36079G Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD64F36079G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36079G Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD64F36079G Datasheet HTML 35Page - Renesas Technology Corp HD64F36079G Datasheet HTML 36Page - Renesas Technology Corp HD64F36079G Datasheet HTML 37Page - Renesas Technology Corp HD64F36079G Datasheet HTML 38Page - Renesas Technology Corp HD64F36079G Datasheet HTML 39Page - Renesas Technology Corp HD64F36079G Datasheet HTML 40Page - Renesas Technology Corp HD64F36079G Datasheet HTML 41Page - Renesas Technology Corp HD64F36079G Datasheet HTML 42Page - Renesas Technology Corp HD64F36079G Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 564 page
background image
Section 1 Overview
Rev. 3.00 Sep. 10, 2007 Page 7 of 528
REJ09B0216-0300
Pin No.
Type
Symbol
FP-64K
FP-64A
I/O
Functions
Timer V
TMOV
30
Output
This is an output pin for a waveform generated
by the output compare function.
TMCIV
29
Input
External event input pin
TMRIV
28
Input
Counter reset input pin
TRGV
54
Input
Counter start trigger input pin
Timer Z
FTIOA0
36
I/O
Output compare output/input capture
input/external clock input pin
FTIOB0
34
I/O
Output compare output/input capture
input/PWM output pin
FTIOC0
33
I/O
Output compare output/input capture
input/PWM sync output pin (at a reset,
complementary PWM mode)
FTIOD0
32
I/O
Output compare output/input capture
input/PWM output pin
FTIOA1
37
I/O
Output compare output/input capture
input/PWM output pin (at a reset,
complementary PWM mode)
FTIOB1 to
FTIOD1
38 to 40
I/O
Output compare output/input capture
input/PWM output pin
14-bit PWM
PWM
24
Output
14-bit PWM square wave output pin
I
2C bus
interface 2
(IIC2)
SDA
26
I/O
I
2C data I/O pin. Can directly drive a bus by
NMOS open-drain output. When using this pin,
external pull-up resistor is required.
SCL
27
I/O
I
2C clock I/O pin. Can directly drive a bus by
NMOS open-drain output. When using this pin,
external pull-up resistor is required.
TXD,
TXD_2
46, 50
Output
Transmit data output pin
Serial com-
munication
interface 3
(SCI3)
RXD,
RXD_2
45, 49
Input
Receive data input pin
SCK3,
SCK3_2
44, 48
I/O
Clock I/O pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com