Electronic Components Datasheet Search
  English  ▼

X  

HD64F36079G Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # HD64F36079G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36079G Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button HD64F36079G Datasheet HTML 65Page - Renesas Technology Corp HD64F36079G Datasheet HTML 66Page - Renesas Technology Corp HD64F36079G Datasheet HTML 67Page - Renesas Technology Corp HD64F36079G Datasheet HTML 68Page - Renesas Technology Corp HD64F36079G Datasheet HTML 69Page - Renesas Technology Corp HD64F36079G Datasheet HTML 70Page - Renesas Technology Corp HD64F36079G Datasheet HTML 71Page - Renesas Technology Corp HD64F36079G Datasheet HTML 72Page - Renesas Technology Corp HD64F36079G Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 564 page
background image
Section 2 CPU
Rev. 3.00 Sep. 10, 2007 Page 37 of 528
REJ09B0216-0300
2.6.2
On-Chip Peripheral Modules
On-chip peripheral modules are accessed in two states or three states. The data bus width is 8 bits
or 16 bits depending on the register. For description on the data bus width and number of
accessing states of each register, refer to section 21.1, Register Addresses (Address Order).
Registers with 16-bit data bus width can be accessed by word size only. Registers with 8-bit data
bus width can be accessed by byte or word size. When a register with 8-bit data bus width is
accessed by word size, a bus cycle occurs twice. In two-state access, the operation timing is the
same as that for on-chip memory.
Figure 2.10 shows the operation timing in the case of three-state access to an on-chip peripheral
module.
T1 state
Bus cycle
Internal
address bus
Internal
read signal
Internal
data bus
(read access)
Internal
write signal
Read data
Address
Internal
data bus
(write access)
T2 state
T3 state
Write data
SUB
φ or φ
Figure 2.10 On-Chip Peripheral Module Access Cycle (3-State Access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com