Electronic Components Datasheet Search
  English  ▼

X  

HD64F36079G Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD64F36079G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36079G Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD64F36079G Datasheet HTML 92Page - Renesas Technology Corp HD64F36079G Datasheet HTML 93Page - Renesas Technology Corp HD64F36079G Datasheet HTML 94Page - Renesas Technology Corp HD64F36079G Datasheet HTML 95Page - Renesas Technology Corp HD64F36079G Datasheet HTML 96Page - Renesas Technology Corp HD64F36079G Datasheet HTML 97Page - Renesas Technology Corp HD64F36079G Datasheet HTML 98Page - Renesas Technology Corp HD64F36079G Datasheet HTML 99Page - Renesas Technology Corp HD64F36079G Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 564 page
background image
Section 4 Address Break
Rev. 3.00 Sep. 10, 2007 Page 64 of 528
REJ09B0216-0300
4.1
Register Descriptions
Address break has the following registers.
• Address break control register (ABRKCR)
• Address break status register (ABRKSR)
• Break address register (BARH, BARL)
• Break data register (BDRH, BDRL)
4.1.1
Address Break Control Register (ABRKCR)
ABRKCR sets address break conditions.
Bit
Bit Name
Initial
Value
R/W
Description
7
RTINTE
1
R/W
RTE Interrupt Enable
When this bit is 0, the interrupt immediately after
executing RTE is masked and then one instruction must
be executed. When this bit is 1, the interrupt is not
masked.
6
5
CSEL1
CSEL0
0
0
R/W
R/W
Condition Select 1 and 0
These bits set address break conditions.
00: Instruction execution cycle
01: CPU data read cycle
10: CPU data write cycle
11: CPU data read/write cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com