| Electronic Components Datasheet Search |
|
HD64F36079G Datasheet(PDF) 25 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36079G Datasheet(HTML) 25 Page - Renesas Technology Corp |
|
25 / 564 page ![]() Rev. 3.00 Sep. 10, 2007 Page xxv of xxxii Figure 13.45 Example of Output Disable Timing of Timer Z by External Trigger.................... 263 Figure 13.46 Example of Output Inverse Timing of Timer Z by Writing to TFCR ................... 264 Figure 13.47 Example of Output Inverse Timing of Timer Z by Writing to POCR................... 264 Figure 13.48 IMF Flag Set Timing when Compare Match Occurs ............................................ 265 Figure 13.49 IMF Flag Set Timing at Input Capture .................................................................. 266 Figure 13.50 OVF Flag Set Timing ............................................................................................ 266 Figure 13.51 Status Flag Clearing Timing.................................................................................. 267 Figure 13.52 Contention between TCNT Write and Clear Operations....................................... 268 Figure 13.53 Contention between TCNT Write and Increment Operations ............................... 269 Figure 13.54 Contention between GR Write and Compare Match ............................................. 269 Figure 13.55 Contention between TCNT Write and Overflow................................................... 270 Figure 13.56 Contention between GR Read and Input Capture.................................................. 271 Figure 13.57 Contention between Count Clearing and Increment Operations by Input Capture................................................................................................... 272 Figure 13.58 Contention between GR Write and Input Capture................................................. 273 Figure 13.59 When Compare Match and Bit Manipulation Instruction to TOCR Occur at the Same Timing .................................................................................... 274 Section 14 Watchdog Timer Figure 14.1 Block Diagram of Watchdog Timer ........................................................................ 275 Figure 14.2 Watchdog Timer Operation Example...................................................................... 279 Section 15 14-BIt PWM Figure 15.1 Block Diagram of 14-Bit PWM .............................................................................. 281 Figure 15.2 Waveform Output by 14-Bit PWM ......................................................................... 284 Section 16 Serial Communication Interface 3 (SCI3) Figure 16.1 Block Diagram of SCI3 ........................................................................................... 287 Figure 16.2 Data Format in Asynchronous Communication ...................................................... 303 Figure 16.3 Relationship between Output Clock and Transfer Data Phase (Asynchronous Mode) (Example with 8-Bit Data, Parity, Two Stop Bits)............. 303 Figure 16.4 Sample SCI3 Initialization Flowchart ..................................................................... 304 Figure 16.5 Example of SCI3 Transmission in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit)........................................................................... 305 Figure 16.6 Sample Serial Transmission Data Flowchart (Asynchronous Mode)...................... 306 Figure 16.7 Example of SCI3 Reception in Asynchronous Mode (8-Bit Data, Parity, One Stop Bit)........................................................................... 307 Figure 16.8 Sample Serial Reception Data Flowchart (Asynchronous Mode) (1)...................... 309 Figure 16.8 Sample Serial Reception Data Flowchart (Asynchronous Mode) (2)...................... 310 Figure 16.9 Data Format in Clock Synchronous Communication .............................................. 311 Figure 16.10 Example of SCI3 Transmission in Clock Synchronous Mode .............................. 312 Figure 16.11 Sample Serial Transmission Flowchart (Clock Synchronous Mode) .................... 313 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |