Electronic Components Datasheet Search
  English  ▼

X  

HD64F36079G Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # HD64F36079G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36079G Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button HD64F36079G Datasheet HTML 84Page - Renesas Technology Corp HD64F36079G Datasheet HTML 85Page - Renesas Technology Corp HD64F36079G Datasheet HTML 86Page - Renesas Technology Corp HD64F36079G Datasheet HTML 87Page - Renesas Technology Corp HD64F36079G Datasheet HTML 88Page - Renesas Technology Corp HD64F36079G Datasheet HTML 89Page - Renesas Technology Corp HD64F36079G Datasheet HTML 90Page - Renesas Technology Corp HD64F36079G Datasheet HTML 91Page - Renesas Technology Corp HD64F36079G Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 564 page
background image
Section 3 Exception Handling
Rev. 3.00 Sep. 10, 2007 Page 56 of 528
REJ09B0216-0300
3.4
Interrupt Exception Handling
3.4.1
External Interrupts
As the external interrupts, there are NMI, IRQ3 to IRQ0, and WKP5 to WKP0 interrupts.
(1)
NMI Interrupt
NMI interrupt is requested by input signal edge to pin
NMI. This interrupt is detected by either
rising edge sensing or falling edge sensing, depending on the setting of bit NMIEG in IEGR1.
NMI is the highest-priority interrupt, and can always be accepted without depending on the I
bit value in CCR.
(2)
IRQ3 to IRQ0 Interrupts
IRQ3 to IRQ0 interrupts are requested by input signals to pins
IRQ3 to IRQ0. These four
interrupts are given different vector addresses, and are detected individually by either rising
edge sensing or falling edge sensing, depending on the settings of bits IEG3 to IEG0 in IEGR1.
When pins
IRQ3 to IRQ0 are designated for interrupt input in PMR1 and the designated signal
edge is input, the corresponding bit in IRR1 is set to 1, requesting the CPU of an interrupt.
These interrupts can be masked by setting bits IEN3 to IEN0 in IENR1.
(3)
WKP5 to WKP0 Interrupts
WKP5 to WKP0 interrupts are requested by input signals to pins
WKP5 to WKP0. These six
interrupts have the same vector addresses, and are detected individually by either rising edge
sensing or falling edge sensing, depending on the settings of bits WPEG5 to WPEG0 in
IEGR2.
When pins
WKP5 to WKP0 are designated for interrupt input in PMR5 and the designated
signal edge is input, the corresponding bit in IWPR is set to 1, requesting the CPU of an
interrupt. These interrupts can be masked by setting bit IENWP in IENR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com