Electronic Components Datasheet Search
  English  ▼

X  

HD64F36079G Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # HD64F36079G
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  564 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36079G Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button HD64F36079G Datasheet HTML 83Page - Renesas Technology Corp HD64F36079G Datasheet HTML 84Page - Renesas Technology Corp HD64F36079G Datasheet HTML 85Page - Renesas Technology Corp HD64F36079G Datasheet HTML 86Page - Renesas Technology Corp HD64F36079G Datasheet HTML 87Page - Renesas Technology Corp HD64F36079G Datasheet HTML 88Page - Renesas Technology Corp HD64F36079G Datasheet HTML 89Page - Renesas Technology Corp HD64F36079G Datasheet HTML 90Page - Renesas Technology Corp HD64F36079G Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 564 page
background image
Section 3 Exception Handling
Rev. 3.00 Sep. 10, 2007 Page 55 of 528
REJ09B0216-0300
3.3
Reset Exception Handling
When the
RES pin goes low, all processing halts and this LSI enters the reset. The internal state of
the CPU and the registers of the on-chip peripheral modules are initialized by the reset. To ensure
that this LSI is reset at power-up, hold the
RES pin low until the clock pulse generator output
stabilizes. To reset the chip during operation, hold the
RES pin low for at least 10 system clock
cycles. When the
RES pin goes high after being held low for the necessary time, this LSI starts
reset exception handling. The reset exception handling sequence is shown in figure 3.1. However,
for the reset exception handling sequence of the product with on-chip power-on reset circuit, refer
to section 19, Band-Gap Circuit, Power-On Reset, and Low-Voltage Detection Circuits.
The reset exception handling sequence is as follows:
1. Set the I bit in the condition code register (CCR) to 1.
2. The CPU generates a reset exception handling vector address, the data in that address is sent to
the program counter (PC) as the start address, and program execution starts from that address.
The reset exception handling vector address is H'0000 to H'0001 for normal mode operation
and H'000000 to H'000003 in advanced mode operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com