| Electronic Components Datasheet Search |
|
HD64F36079G Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36079G Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 564 page ![]() Rev. 3.00 Sep. 10, 2007 Page xxx of xxxii Table 7.3 System Clock Frequencies for which Automatic Adjustment of LSI Bit Rate is Possible ..................................................................................................... 120 Table 7.4 Reprogram Data Computation Table .................................................................... 123 Table 7.5 Additional-Program Data Computation Table...................................................... 123 Table 7.6 Programming Time ............................................................................................... 123 Table 7.7 Flash Memory Operating States............................................................................ 128 Section 10 Realtime Clock (RTC) Table 10.1 Pin Configuration.................................................................................................. 168 Table 10.2 Interrupt Sources................................................................................................... 178 Section 11 Timer B1 Table 11.1 Pin Configuration.................................................................................................. 180 Table 11.2 Timer B1 Operating Modes .................................................................................. 183 Section 12 Timer V Table 12.1 Pin Configuration.................................................................................................. 187 Table 12.2 Clock Signals to Input to TCNTV and Counting Conditions ............................... 189 Section 13 Timer Z Table 13.1 Timer Z Functions ................................................................................................ 200 Table 13.2 Pin Configuration.................................................................................................. 204 Table 13.3 Initial Output Level of FTIOB0 Pin...................................................................... 235 Table 13.4 Output Pins in Reset Synchronous PWM Mode................................................... 240 Table 13.5 Register Settings in Reset Synchronous PWM Mode........................................... 240 Table 13.6 Output Pins in Complementary PWM Mode........................................................ 244 Table 13.7 Register Settings in Complementary PWM Mode................................................ 244 Table 13.8 Register Combinations in Buffer Operation ......................................................... 254 Section 15 14-Bit PWM Table 15.1 Pin Configuration.................................................................................................. 282 Section 16 Serial Communication Interface 3 (SCI3) Table 16.1 Channel Configuration.......................................................................................... 286 Table 16.2 Pin Configuration.................................................................................................. 288 Table 16.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (1) ...... 297 Table 16.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (2) ...... 298 Table 16.3 Examples of BRR Settings for Various Bit Rates (Asynchronous Mode) (3) ...... 299 Table 16.4 Maximum Bit Rate for Each Frequency (Asynchronous Mode) .......................... 300 Table 16.5 Examples of BRR Settings for Various Bit Rates (Clock Synchronous Mode) (1) ............................................................................ 301 Table 16.5 Examples of BRR Settings for Various Bit Rates (Clock Synchronous Mode) (2) ............................................................................ 302 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |