Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 110Page - Renesas Technology Corp SH7672 Datasheet HTML 111Page - Renesas Technology Corp SH7672 Datasheet HTML 112Page - Renesas Technology Corp SH7672 Datasheet HTML 113Page - Renesas Technology Corp SH7672 Datasheet HTML 114Page - Renesas Technology Corp SH7672 Datasheet HTML 115Page - Renesas Technology Corp SH7672 Datasheet HTML 116Page - Renesas Technology Corp SH7672 Datasheet HTML 117Page - Renesas Technology Corp SH7672 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 88 of 1262
REJ09B0437-0100
0
1
127
V
U
LW0
LW1
LW2
LW3
0
1
127
LRU
23 (1 + 1 + 21) bits
128 (32
× 4) bits
6 bits
LW0 to LW3: Longword data 0 to 3
Entry 0
Entry 1
Entry 127
Tag address
Address array (ways 0 to 3)
Data array (ways 0 to 3)
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
Figure 4.1 Operand Cache Structure
(1)
Address Array
The V bit indicates whether the entry data is valid. When the V bit is 1, data is valid; when 0, data
is not valid.
The U bit (only for operand cache) indicates whether the entry has been written to in write-back
mode. When the U bit is 1, the entry has been written to; when 0, it has not.
The tag address holds the physical address used in the external memory access. It consists of 21
bits (address bits 31 to 11) used for comparison during cache searches. In this LSI, the addresses
of the cache-enabled space are H'00000000 to H'1FFFFFFF (see section 7, Bus State Controller
(BSC)), and therefore the upper three bits of the tag address are cleared to 0.
The V and U bits are initialized to 0 by a power-on reset but not initialized by a manual reset or in
software standby mode. The tag address is not initialized by a power-on reset or manual reset or in
software standby mode.
(2)
Data Array
Holds a 16-byte instruction or data. Entries are registered in the cache in line units (16 bytes).
The data array is not initialized by a power-on reset or manual reset or in software standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com