Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 115 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 115 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 111Page - Renesas Technology Corp SH7672 Datasheet HTML 112Page - Renesas Technology Corp SH7672 Datasheet HTML 113Page - Renesas Technology Corp SH7672 Datasheet HTML 114Page - Renesas Technology Corp SH7672 Datasheet HTML 115Page - Renesas Technology Corp SH7672 Datasheet HTML 116Page - Renesas Technology Corp SH7672 Datasheet HTML 117Page - Renesas Technology Corp SH7672 Datasheet HTML 118Page - Renesas Technology Corp SH7672 Datasheet HTML 119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 89 of 1262
REJ09B0437-0100
(3)
LRU
With the 4-way set associative system, up to four instructions or data with the same entry address
can be registered in the cache. When an entry is registered, LRU shows which of the four ways it
is recorded in. There are six LRU bits, controlled by hardware. A least-recently-used (LRU)
algorithm is used to select the way that has been least recently accessed.
Six LRU bits indicate the way to be replaced in case of a cache miss. The relationship between
LRU and way replacement is shown in table 4.1 when the cache lock function (only for operand
cache) is not used (concerning the case where the cache lock function is used, see section 4.2.2,
Cache Control Register 2 (CCR2)). If a bit pattern other than those listed in table 4.1 is set in the
LRU bits by software, the cache will not function correctly. When modifying the LRU bits by
software, set one of the patterns listed in table 4.1.
The LRU bits are initialized to B'000000 by a power-on reset but not initialized by a manual reset
or in software standby mode.
Table 4.1
LRU and Way Replacement (Cache Lock Function Not Used)
LRU (Bits 5 to 0)
Way to be Replaced
000000, 000100, 010100, 100000, 110000, 110100
3
000001, 000011, 001011, 100001, 101001, 101011
2
000110, 000111, 001111, 010110, 011110, 011111
1
111000, 111001, 111011, 111100, 111110, 111111
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com