Electronic Components Datasheet Search
  English  ▼

X  

SH7672 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # SH7672
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7670 Series
PDF  1292 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7672 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button SH7672 Datasheet HTML 115Page - Renesas Technology Corp SH7672 Datasheet HTML 116Page - Renesas Technology Corp SH7672 Datasheet HTML 117Page - Renesas Technology Corp SH7672 Datasheet HTML 118Page - Renesas Technology Corp SH7672 Datasheet HTML 119Page - Renesas Technology Corp SH7672 Datasheet HTML 120Page - Renesas Technology Corp SH7672 Datasheet HTML 121Page - Renesas Technology Corp SH7672 Datasheet HTML 122Page - Renesas Technology Corp SH7672 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 1292 page
background image
Section 4 Cache
Rev. 1.00 Nov. 14, 2007 Page 93 of 1262
REJ09B0437-0100
Bit
Bit Name
Initial
Value
R/W
Description
31 to 17
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
16
LE
0
R/W
Lock Enable
Controls the cache locking function.
0: Not cache locking mode
1: Cache locking mode
15 to 10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
9
8
W3LOAD*
W3LOCK
0
0
R/W
R/W
Way 3 Load
Way 3 Lock
When a cache miss occurs by the prefetch instruction
while W3LOAD = 1 and W3LOCK = 1 in cache locking
mode, the data is always loaded into way 3. Under any
other condition, the cache miss data is loaded into the
way to which LRU points.
7 to 2
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
1
0
W2LOAD*
W2LOCK
0
0
R/W
R/W
Way 2 Load
Way 2 Lock
When a cache miss occurs by the prefetch instruction
while W2LOAD = 1 and W2LOCK =1 in cache locking
mode, the data is always loaded into way 2. Under any
other condition, the cache miss data is loaded into the
way to which LRU points.
Note:
*
The W3LOAD and W2LOAD bits should not be set to 1 at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com