Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 30Page - Renesas Technology Corp 38K0 Datasheet HTML 31Page - Renesas Technology Corp 38K0 Datasheet HTML 32Page - Renesas Technology Corp 38K0 Datasheet HTML 33Page - Renesas Technology Corp 38K0 Datasheet HTML 34Page - Renesas Technology Corp 38K0 Datasheet HTML 35Page - Renesas Technology Corp 38K0 Datasheet HTML 36Page - Renesas Technology Corp 38K0 Datasheet HTML 37Page - Renesas Technology Corp 38K0 Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 17 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Interrupt Request
Generating Conditions
At reset
At detection of USB bus reset signal (2.5
µs interval SE0)
At detection of USB SOF signal
At detection of resume signal (K state or SE0) or suspend signal (3
ms interval bus idle), or at completion of transaction
At completion of reception or transmission or at completion of DMA
transmission
At detection of either rising or falling edge of INT0 input
At timer X underflow
At timer 1 underflow
At timer 2 underflow
At detection of either rising or falling edge of INT1 input
(Note 4)
At completion of serial I/O data reception
At completion of serial I/O data transmission
At detection of either rising or falling edge of CNTR0 input
At falling of conjunction of input level for port P0 (at input mode)
At completion of A/D conversion
At BRK instruction execution
Notes 1: Vector addresses contain interrupt jump destination addresses.
2: Reset function in the same way as an interrupt with the highest priority.
3: Nothing is arranged in these vector addresses.
4: Fix bit 1 of interrupt control register 2 (address 003F16) to “0”.
INTERRUPTS
Interrupts occur by fifteen sources: four external, ten internal, and
one software.
Interrupt Control
Each interrupt is controlled by an interrupt request bit, an interrupt
enable bit, and the interrupt disable flag except for the software in-
terrupt set by the BRK instruction. An interrupt occurs if the corre-
sponding interrupt request and enable bits are “1” and the inter-
rupt disable flag is “0”.
Interrupt enable bits can be set or cleared by software.
Interrupt request bits can be cleared by software, but cannot be
set by software.
The BRK instruction cannot be disabled with any flag or bit. The I
flag disables all interrupts except the BRK instruction interrupt.
When several interrupts occur at the same time, the interrupts are
received according to priority.
Interrupt Operation
By acceptance of an interrupt, the following operations are auto-
matically performed:
1. The contents of the program counter and the processor status
register are automatically pushed onto the stack.
2. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
3. The interrupt jump destination address is read from the vector
table into the program counter.
Interrupt Source
Reset (Note 2)
USB bus reset
USB SOF
USB device
External bus
INT0
Timer X
Timer 1
Timer 2
INT1
(Note 3)
Serial I/O
reception
Serial I/O
transmission
CNTR0
Key-on wake up
A/D conversion
BRK instruction
Low
FFFC16
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE416
FFE216
FFE016
FFDE16
FFDC16
High
FFFD16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
FFE916
FFE716
FFE516
FFE316
FFE116
FFDF16
FFDD16
Table 6 Interrupt vector addresses and priority
Priority
1
2
3
4
5
6
7
8
9
10
—
11
12
13
14
15
16
Vector Addresses (Note 1)
sNotes on interrupts
When setting the followings, the interrupt request bit may be set to
“1”.
•When switching external interrupt active edge
Related register: Interrupt edge selection register (address
0FF316), Timer X mode register (address
002316)
When not requiring for the interrupt occurrence synchronized with
these setting, take the following sequence.
➀Set the corresponding interrupt enable bit to “0” (disabled).
➁Set the interrupt edge select bit (active edge switch bit).
➂Set the corresponding interrupt request bit to “0” after 1 or more
instructions have been executed.
➃Set the corresponding interrupt enable bit to “1” (enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com