Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 52Page - Renesas Technology Corp 38K0 Datasheet HTML 53Page - Renesas Technology Corp 38K0 Datasheet HTML 54Page - Renesas Technology Corp 38K0 Datasheet HTML 55Page - Renesas Technology Corp 38K0 Datasheet HTML 56Page - Renesas Technology Corp 38K0 Datasheet HTML 57Page - Renesas Technology Corp 38K0 Datasheet HTML 58Page - Renesas Technology Corp 38K0 Datasheet HTML 59Page - Renesas Technology Corp 38K0 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 39 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
b7
b0
BBYT00
[3:0]
b7:b4
—
—
0
—
EP00 byte number register (EP00BYT) [address 001E16]
OUT : The received byte number is automatically set.
IN : Set the transmitting byte number.
Write 0 when writing.
0 is read when reading.
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
Transmit/receive byte number bit
Not used
—: State remaining
00
00
W
R
Fig. 44 Structure of EP00 byte number register
b7
b0
EP00 beginning address set bit
Not used
BADD00
[4:0]
b7:b5
–
–
0
–
EP00 buffer area set register (EP00BUF) [address 0FED16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
Set the beginning address of EP00’s buffer area.
(32-byte unit)
b4b3b2b1b0
0 0 0 1 0 : 004016
0 0 0 1 1 : 006016
..............
1 1 1 1 0 : 03C016
1 1 1 1 1 : 03E016
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
00
0
W
R
Fig. 45 Structure of EP00 buffer area set register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com