Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 86 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 86 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 82Page - Renesas Technology Corp 38K0 Datasheet HTML 83Page - Renesas Technology Corp 38K0 Datasheet HTML 84Page - Renesas Technology Corp 38K0 Datasheet HTML 85Page - Renesas Technology Corp 38K0 Datasheet HTML 86Page - Renesas Technology Corp 38K0 Datasheet HTML 87Page - Renesas Technology Corp 38K0 Datasheet HTML 88Page - Renesas Technology Corp 38K0 Datasheet HTML 89Page - Renesas Technology Corp 38K0 Datasheet HTML 90Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 69 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
#0
#1
Mch_req
Mch_req
#0
#1
012
34
5
req
req
010016
010116
010216
ack
ack
DMA acknowledge
ExDACK
mRD
detection
mRD
detection
DMA request
ExDREQ
➀
➀
➁
➁
➂’
➂➃
➂➃
➄
➄
➅
➂’
➅
Address ExA0
Chip select ExCS
Read ExRD
Write ExWR
Data DQ0 to DQ7
Internal clock
φ
Transmit buffer TXBUF
Operation enabled
Transmission completed
Main sequencer
Internal memory access
Acknowledgment of
internal memory access
Memory address
Counter end
Memory channel operation
end interrupt
Dack =
“0”
A0 = “x”
CS = “1”
Dack =
“0”
A0 = “x”
CS = “1”
<Initial setting>
External I/O configuration register
Set as necessary.
Memory channel operation mode register
MC_DIR[1:0] (Memory channel direction control) = 102 (Transmit mode)
Burst (burst) = “0” (Cycle mode)
Memory address counter
(Example) 010016
End address register
(Example) 010116
<Operation start command>
EXB interrupt source enable register
MC_ENB (Memory channel operation enable) = “1” (Operation start)
➀ In the memory channel transmit mode when the command for enabling operation is written, operation starts (main sequencer starts) and an internal
memory access sequence which synchronized with a rise of
φ is activated.
➁ A data is read out from the internal memory within two clocks at a minimum and this data is stored in the transmit buffer (TXBUF). The memory address
counter is simultaneously increased and assertion of the memory channel request is made.
➂ When the external MCU bus is in the condition of ExCS = “L” and ExA0 = “L” or a fall of ExRD is detected in the condition of ExDACK = “L”, negation of the
memory channel request which synchronized with a rise of
φ is made.
➃ When a rise of ExRD is detected, an internal memory access sequence which synchronized with a rise of φ is activated.
➄ A data is read out from the internal memory within two clocks at a minimum and this data is stored in the transmit buffer (TXBUF). The memory address
counter is simultaneously increased and assertion of the memory channel request is made.
When the read operation from the end address has been completed, the transition to the status to wait the memory channel operation end occurs.
➅ When a rise of ExRD is detected, the memory channel operation sequence ends and the memory channel operation end interrupt is generated.
Fig. 97 Memory channel tranmitting operation (1)
(6) Memory Channel Transmitting Operation
(1)-Cycle Mode
Memory channel transmitting operation (1) is shown bellow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com