Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 81Page - Renesas Technology Corp 38K0 Datasheet HTML 82Page - Renesas Technology Corp 38K0 Datasheet HTML 83Page - Renesas Technology Corp 38K0 Datasheet HTML 84Page - Renesas Technology Corp 38K0 Datasheet HTML 85Page - Renesas Technology Corp 38K0 Datasheet HTML 86Page - Renesas Technology Corp 38K0 Datasheet HTML 87Page - Renesas Technology Corp 38K0 Datasheet HTML 88Page - Renesas Technology Corp 38K0 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 68 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
TC
#0
#1
Mch_req
#0
#1
012
3
(5)
5
req
010016
010116
010216
ack
ack
DMA acknowledge
ExDACK
mWR
detection
mWR
detection
DMA request
ExDREQ
➀’
➀’
➀
➀
➁’
➁’
➁’
➁
➁
➁’
➁’
➁
Address ExA0
Chip select ExCS
Terminal count ExTC
Write ExWR
Data DQ0 to DQ7
Internal clock
φ
Operation enabled
Receive buffer RxBuf
TC synchronizing
TC end
Main sequencer
Internal memory access
Memory address
Counter end
Burst end
Memory channel operation
end interrupt
mTC
detection
<Initial setting>
External I/O configuration register
Set as necessary.
Memory channel operation mode register
MC_DIR[1:0] (Memory channel direction control) = 012 (Receive mode)
Burst (burst) = “1” (Burst mode)
Memory address counter
(Example) 010016
End address register
(Example) 010716
<Operation start command>
EXB interrupt source enable register
MC_ENB (Memory channel operation enable) = “1” (Operation start)
➀ When a rise of TC is detected, negation of the memory channel request which synchronized with a rise of φ is made.
➁ When the write operation to the end address has been completed, the memory channel operation end interrupt is generated.
Acknowledgment of
internal memory access
Dack =
“0”
A0 = “x”
CS = “1”
Dack =
“0”
A0 = “x”
CS = “1”
(5) Memory Channel Receiving Operation (3)-
Burst Mode (Terminal Count)
Memory channel receiving operation (3) is shown bellow.
Fig. 96 Memory channel receiving operation (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com