Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 85Page - Renesas Technology Corp 38K0 Datasheet HTML 86Page - Renesas Technology Corp 38K0 Datasheet HTML 87Page - Renesas Technology Corp 38K0 Datasheet HTML 88Page - Renesas Technology Corp 38K0 Datasheet HTML 89Page - Renesas Technology Corp 38K0 Datasheet HTML 90Page - Renesas Technology Corp 38K0 Datasheet HTML 91Page - Renesas Technology Corp 38K0 Datasheet HTML 92Page - Renesas Technology Corp 38K0 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 72 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Multichannel RAM Operation Example
The multichannel RAM operation example is shown below.
This example shows the case that an external MCU uses the
38K0 group as a peripheral LSI (USB controller).
The following explains that the external MCU reads out the data
which is received via the USB.
➀ The data which is received via the USB is written into the multi-
channel RAM.
➁ Receive completion is propagated to the CPU.
➂ The external bus interface is activated owing to the CPU.
➃ (1) The external bus interface sets the data which is read from
the multichannel RAM into the internal data buffer.
(2) The external MCU reads out the data bus buffer of the exter-
nal bus interface.
(3) The above operation is repeated by the number of the re-
ceived bytes. After that, the data transfer is completed.
CPU
USB
External MCU bus
USB bus
(USB host)
Program ROM
Peripheral functions
External bus interface
Multichannel RAM
➂ Activating
➃ FIFO read of received data
by External bus interface
➀ FIFO write of received data
by USB
➁ Notice of receive completion
Fig. 101 Multichannel RAM operation example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com