Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 23Page - Renesas Technology Corp 38K0 Datasheet HTML 24Page - Renesas Technology Corp 38K0 Datasheet HTML 25Page - Renesas Technology Corp 38K0 Datasheet HTML 26Page - Renesas Technology Corp 38K0 Datasheet HTML 27Page - Renesas Technology Corp 38K0 Datasheet HTML 28Page - Renesas Technology Corp 38K0 Datasheet HTML 29Page - Renesas Technology Corp 38K0 Datasheet HTML 30Page - Renesas Technology Corp 38K0 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 10 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and
the internal system clock selection bit.
The CPU mode register is allocated at address 003B16.
Fig. 7 Structure of CPU mode register
Processor mode bits
b1b0
00 : Single-chip mode
01 :
10 :
Not available
11 :
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (returns “1” when read)
(Do not write “0” to this bit)
Not used (returns “0” when read)
(Do not write “1” to this bit)
System clock selection bit
0 : Main clock (XIN)
1 : fSYN
System clock division ratio selection bits
b7b6
00 :
φ = f(system clock)/8 (8-divide mode)
01 :
φ = f(system clock)/4 (4-divide mode)
10 :
φ = f(system clock)/2 (2-divide mode)
11 :
φ = f(system clock) (Through mode)
CPU mode register
(CPUM : address 003B16)
b7
b0
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com