Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 18Page - Renesas Technology Corp 38K0 Datasheet HTML 19Page - Renesas Technology Corp 38K0 Datasheet HTML 20Page - Renesas Technology Corp 38K0 Datasheet HTML 21Page - Renesas Technology Corp 38K0 Datasheet HTML 22Page - Renesas Technology Corp 38K0 Datasheet HTML 23Page - Renesas Technology Corp 38K0 Datasheet HTML 24Page - Renesas Technology Corp 38K0 Datasheet HTML 25Page - Renesas Technology Corp 38K0 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 328 page
background image
Rev.2.00
Oct 05, 2006
page 5 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
PART NUMBERING
Fig. 3 Part numbering
M38K0 7 M 4 - XXX FP
Product
ROM/PROM size
1 : 4096 bytes
2 : 8192 bytes
3 : 12288 bytes
4 : 16384 bytes
5 : 20480 bytes
6 : 24576 bytes
7 : 28672 bytes
8 : 32768 bytes
The first 128 bytes and the last 2 bytes of ROM
are reserved areas ; they cannot be used as a
user’s ROM area.
However, they can be programmed or erased in
the flash memory version, so that users can
use them.
Memory type
M : Mask ROM version
F : Flash memory version
RAM size
0 : 192 bytes
1 : 256 bytes
2 : 384 bytes
3 : 512 bytes
4 : 640 bytes
5 : 768 bytes
6 : 896 bytes
7 : 1024 bytes
8 : 1536 bytes
9 : 2048 bytes
ROM number
Omitted in the flash memory version.
– : Standard
Omitted in the flash memory version.
Package type
FP : PLQP0064GA-A package
HP : PLQP0064KB-A package
9 : 36864 bytes
A : 40960 bytes
B : 45056 bytes
C : 49152 bytes
D : 53248 bytes
E : 57344 bytes
F : 61440 bytes
PART NUMBERING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com