Electronic Components Datasheet Search
  English  ▼

X  

38K0 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # 38K0
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K0 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button 38K0 Datasheet HTML 32Page - Renesas Technology Corp 38K0 Datasheet HTML 33Page - Renesas Technology Corp 38K0 Datasheet HTML 34Page - Renesas Technology Corp 38K0 Datasheet HTML 35Page - Renesas Technology Corp 38K0 Datasheet HTML 36Page - Renesas Technology Corp 38K0 Datasheet HTML 37Page - Renesas Technology Corp 38K0 Datasheet HTML 38Page - Renesas Technology Corp 38K0 Datasheet HTML 39Page - Renesas Technology Corp 38K0 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 328 page
background image
FUNCTIONAL DESCRIPTION
Rev.2.00
Oct 05, 2006
page 19 of 112
38K0 Group
REJ09B0337-0200
HARDWARE
Key Input Interrupt (Key-on Wake Up)
A Key-on wake up interrupt request is generated by applying a
falling edge to any pin of port P0 that have been set to input mode.
In other words, it is generated when AND of input level goes from
“1” to “0”. An example of using a key input interrupt is shown in
Figure 15, where an interrupt request is generated by pressing
one of the keys consisted as an active-low key matrix which inputs
to ports P00–P03.
Fig. 15 Connection example when using key input interrupt and port P0 block diagram
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽ ✽
✽
✽ ✽
✽
✽
✽
✽
✽
✽
✽
Port P00
latch
Port P00
direction register = “0”
Port P01
latch
Port P01
direction register = “0”
Port P02
latch
Port P02
direction register = “0”
Port P03
latch
Port P03
direction register = “0”
Port P04
latch
Port P04
direction register = “1”
Port P05
latch
Port P05
direction register = “1”
Port P06
latch
Port P06
direction register = “1”
Port P07
latch
Port P07
direction register = “1”
P00 input
P01 input
P02 input
P03 input
P04 output
P05 output
P06 output
P07 output
PULL 0 register
Bit 7 = “0”
Port P0
Input reading circuit
Port PXx
“L” level output
✽
P-channel transistor for pull-up
✽ ✽ CMOS output buffer
Key input interrupt request
PULL 0 register
Bit 6 = “0”
PULL 0 register
Bit 5 = “0”
PULL 0 register
Bit 4 = “0”
PULL 0 register
Bit 3 = “1”
PULL 0 register
Bit 2 = “1”
PULL 0 register
Bit 1 = “1”
PULL 0 register
Bit 0 = “1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com