Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 303 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 303 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 299Page - Renesas Technology Corp 38K2 Datasheet HTML 300Page - Renesas Technology Corp 38K2 Datasheet HTML 301Page - Renesas Technology Corp 38K2 Datasheet HTML 302Page - Renesas Technology Corp 38K2 Datasheet HTML 303Page - Renesas Technology Corp 38K2 Datasheet HTML 304Page - Renesas Technology Corp 38K2 Datasheet HTML 305Page - Renesas Technology Corp 38K2 Datasheet HTML 306Page - Renesas Technology Corp 38K2 Datasheet HTML 307Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 303 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 42 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.10 Structure of USB interrupt source register
b7
b0
USB function/Endpoint 0
interrupt bit
USB function/Endpoint 1
interrupt bit
USB function/Endpoint 2
interrupt bit
USB function/Endpoint 3
interrupt bit
USB HUB/Endpoint 0 interrupt
bit
USB HUB/Endpoint 1 interrupt
bit
Suspend interrupt bit
Resume interrupt bit
EP00
EP01
EP02
EP03
EP10
EP11
SUS
RSM
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
USB interrupt source register (USBIREQ) [address 001716]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
✕
✕
✕
✕
✕
✕
O
✕
This bit is set to “1” when any one of EP00 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP00 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP01 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP01 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP02 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP02 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP03 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP03 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP10 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP10 interrupt
source register to “0016”.
Writing to this bit causes no state change.
This bit is set to “1” when any one of EP11 interrupt
source register’s bits at least is set to “1”.
This bit is cleared to “0” by clearing EP11 interrupt
source register to “0016”.
Writing to this bit causes no state change.
0 : No interrupt request issued
1 : Interrupt request issued
This bit is set to “1” when detecting 3 ms or more of J-
state, using USB clock (fUSB) at 48 MHz.
“0” can be set by software, but “1” cannot be set.
This bit is set to “1” when the USB bus state changes
from J-state to K-state or SE0 in the resume interrupt
enable bit = “1”. It is also “1” in the condition of internal
clock stopped.
This bit is cleared to “0” by clearing the resume
interrupt enable bit.
Writing to this bit causes no state change.
W
R
Fig. 3.4.11 Structure of Endpoint index register
b7
b0
Endpoint index bit
Address index bit
Not used
EPIDX [1:0]
ADIDX
b7:b3
–
–
–
0
0
–
Endpoint index register (USBINDEX) [address 001816]
b1 b0
0 0 : Endpoint 0
0 1 : Endpoint 1
1 0 : Endpoint 2
1 1 : Endpoint 3
0 : USB function
1 : USB HUB
Write “0” when writing.
“0” is read when reading.
Bit name
Bit symbol
At reset
Function
O
O
O
O
O
O
–: State remaining
H/W
S/W
00
0
0
0
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com