Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 306 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 306 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 302Page - Renesas Technology Corp 38K2 Datasheet HTML 303Page - Renesas Technology Corp 38K2 Datasheet HTML 304Page - Renesas Technology Corp 38K2 Datasheet HTML 305Page - Renesas Technology Corp 38K2 Datasheet HTML 306Page - Renesas Technology Corp 38K2 Datasheet HTML 307Page - Renesas Technology Corp 38K2 Datasheet HTML 308Page - Renesas Technology Corp 38K2 Datasheet HTML 309Page - Renesas Technology Corp 38K2 Datasheet HTML 310Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 45 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.18 Structure of EP00 control register 1
b7
b0
Response PID bit
Not used
PID00 [1:0]
b7:b2
–
–
0
–
EP00 control register 1 (EP00CON1) [address 001A16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
b1 b0
0 0 : NAK
0 1 : Automatic response (ACK, NAK, DATA0, DATA1)
1 X : STALL
At occurrence of control transfer error:
B1 is set to “1” by the hardware.
At reception of SETUP token:
B1 and b0 are cleared to “0” by the hardware.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
000
0
00
W
R
Fig. 3.4.17 Structure of EP11 set register
Fig. 3.4.16 Structure of EP10 stage register
b7
b0
SETUP packet detection bit
Not used
SETUP10
b7:b1
1
–
1
–
EP10 stage register (EP10STG) [address 001916]
Bit name
Bit symbol
At reset
Function
H/W
S/W
This bit is set to “1” at reception of SETUP packet.
Writing “0” clears this bit if the next SETUP token does
not occur.
Writing “1” causes no state change of the status flags.
This bit change is not for an interrupt source.
Write “0” when writing.
“0” is read when reading.
O
O
O
O
–: State remaining
000
0
00
0
W
R
b7
b0
Not used
Sequence toggle bit clear bit
Not used
Transfer direction bit
Not used
Transfer type bite
b2:b0
SQCL11
b4
DIR11
b6
TYP11
EP11 set register (EP11CFG) [address 001916]
–
–
–
–
–
–
–
0
–
0
–
0
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
O
O
O
O
O
O
Write “0” when writing.
“0” is read when reading.
0 : Toggle bit clear disabled
1 : Writing “1” clears the toggle bit and DATA0 is used
as the next data PID.
“0” is always read when reading.
Write “0” when writing.
“0” is read when reading.
0 : IN transfer disabled
1 : IN (Data is transmitted to the host.)
Write “0” when writing.
“0” is read when reading.
0 : Transfer disabled
1 : Interrupt transfer
0
00
0
0
W
R
–: State remaining



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com