Electronic Components Datasheet Search
  English  ▼

X  

38K2 Datasheet(PDF) 309 Page - Renesas Technology Corp

Part # 38K2
Description  RENESAS 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

38K2 Datasheet(HTML) 309 Page - Renesas Technology Corp

Back Button 38K2 Datasheet HTML 305Page - Renesas Technology Corp 38K2 Datasheet HTML 306Page - Renesas Technology Corp 38K2 Datasheet HTML 307Page - Renesas Technology Corp 38K2 Datasheet HTML 308Page - Renesas Technology Corp 38K2 Datasheet HTML 309Page - Renesas Technology Corp 38K2 Datasheet HTML 310Page - Renesas Technology Corp 38K2 Datasheet HTML 311Page - Renesas Technology Corp 38K2 Datasheet HTML 312Page - Renesas Technology Corp 38K2 Datasheet HTML 313Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 358 page
background image
3.4 List of registers
Rev.2.00
Oct 15, 2006
page 48 of 99
38K2 Group
REJ09B0338-0200
APPENDIX
Fig. 3.4.25 Structure of EP01 control register 2
b7
b0
B0VAL01
b7:b1
–
–
0
–
EP01 control register 2 (EP01CON2) [address 001B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
Buffer 0 enable bit
Not used
When the selected endpoint is IN, writing “1” to this bit
makes the transmitting data a set state (SIE is possible
to read).
When the selected endpoint is OUT, writing “1” to this
bit makes data reception possible (SIE is possible to
write).
Write “0” when writing.
“0” is read when reading.
00
0
00
0
0
W
R
Fig. 3.4.26 Structure of EP02 control register 2
Fig. 3.4.27 Structure of EP03 control register 2
b7
b0
B0VAL02
b7:b1
–
–
0
–
EP02 control register 2 (EP02CON2) [address 001B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
Buffer 0 enable bit
Not used
When the selected endpoint is IN, writing “1” to this bit
makes the transmitting data a set state (SIE is possible
to read).
When the selected endpoint is OUT, writing “1” to this
bit makes data reception possible (SIE is possible to
write).
Write “0” when writing.
“0” is read when reading.
00
0
00
0
0
W
R
b7
b0
B0VAL03
b7:b1
–
–
0
–
EP03 control register 2 (EP03CON2) [address 001B16]
Bit name
Bit symbol
At reset
Function
H/W
S/W
O
O
O
O
–: State remaining
Buffer 0 enable bit
Not used
When the selected endpoint is IN, writing “1” to this bit
makes the transmitting data a set state (SIE is possible
to read).
When the selected endpoint is OUT, writing “1” to this
bit makes data reception possible (SIE is possible to
write).
Write “0” when writing.
“0” is read when reading.
00
0
00
0
0
W
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com